Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 48Page - STMicroelectronics STM8S103F2 Datasheet HTML 49Page - STMicroelectronics STM8S103F2 Datasheet HTML 50Page - STMicroelectronics STM8S103F2 Datasheet HTML 51Page - STMicroelectronics STM8S103F2 Datasheet HTML 52Page - STMicroelectronics STM8S103F2 Datasheet HTML 53Page - STMicroelectronics STM8S103F2 Datasheet HTML 54Page - STMicroelectronics STM8S103F2 Datasheet HTML 55Page - STMicroelectronics STM8S103F2 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 121 page
background image
Electrical characteristics
STM8S103F2 STM8S103F3 STM8S103K3
52/121
DocID15441 Rev 14
10.3
Operating conditions
IINJ(PIN) (3) (4)
Injected current on NRST pin
±4
mA
Injected current on OSCIN pin
±4
Injected current on any other pin(5)
±4
ΣIINJ(3)
Total injected current (sum of all I/O and control pins)(5)
±20
1. Guaranteed by characterization results.
2. All power (VDD) and ground (VSS) pins must always be connected to the external supply.
3. IINJ must never be exceeded. This condition is implicitly insured if VIN maximum is respected. If VIN
maximum cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A
positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-
drain pads, there is no positive injection current allowed and the corresponding VIN maximum must always
be respected.
4. ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
ΣIINJ(PIN) in the I/O port pin characteristics section does not affect the ADC accuracy.
5. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on characterization
with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
Table 18. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
−65 to 150
°C
TJ
Maximum junction temperature
150
Table 17. Current characteristics (continued)
Symbol
Ratings
Max.(1)
Unit
Table 19. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
-
0
16
MHz
VDD
Standard operating voltage
-
2.95
5.5
V
VCAP(1)
CEXT: capacitance of external
capacitor
-
470
3300
nF
ESR of external capacitor
at 1 MHz(2)
-0.3
Ω
ESL of external capacitor
-
15
nH
PD(3)
Power dissipation
at TA = 75 °C for suffix 6
TSSOP20
-
238
mW
SO20W
-
220
UFQFPN20
-
220
LQFP32
-
330
UFQFPN32
-
526
SDIP32
-
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com