Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 20Page - STMicroelectronics STM8S103F2 Datasheet HTML 21Page - STMicroelectronics STM8S103F2 Datasheet HTML 22Page - STMicroelectronics STM8S103F2 Datasheet HTML 23Page - STMicroelectronics STM8S103F2 Datasheet HTML 24Page - STMicroelectronics STM8S103F2 Datasheet HTML 25Page - STMicroelectronics STM8S103F2 Datasheet HTML 26Page - STMicroelectronics STM8S103F2 Datasheet HTML 27Page - STMicroelectronics STM8S103F2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
Pinout and pin description
STM8S103F2 STM8S103F3 STM8S103K3
24/121
DocID15441 Rev 14
15
10
PB6
I/O
X
X
X
-
O1
X
X
Port B6
-
-
16
11
PB5/
I2C_SDA
I/O
X
-X
-
O1
T(3)
-
Port B5
I2C data
-
17
12
PB4/
I2C_SCL
I/O
X
-
X
-
O1
T
-
Port B4
I2C clock
-
18
13
PB3/AIN3/
TIM1_ETR
I/O
X
X
X
HS
O3
X
X
Port B3
Analog input
3/ Timer 1
external
trigger
-
19
14
PB2/AIN2/
TIM1_CH3N
I/O
X
X
X
HS O3
X
X
Port B2
Analog input
2/ Timer 1 -
inverted
channel 3
-
20
15
PB1/AIN1/
TIM1_CH2N
I/O
X
X
X
HS
O3
X
X
Port B1
Analog input
1/ Timer 1 -
inverted
channel 2
-
21
16
PB0/AIN0/
TIM1_CH1N
I/O
X
X
X
HS
O3
X
X
Port B0
Analog input
0/ Timer 1 -
inverted
channel 1
-
22
17
PE5/SPI_N
SS
I/O
X
X
X
HS
O3
X
X
Port E5
SPI
master/slave
select
-
23
18
PC1/
TIM1_CH1/
UART1_CK
I/O
X
XX
HS
O3
XX
Port C1
Timer 1 -
channel 1
UART1 clock
-
24
19
PC2/
TIM1_CH2
I/O
X
XX
HS
O3
XX
Port C2
Timer 1 -
channel 2
-
25
20
PC3/
TIM1_CH3
I/O
X
XX
HS
O3
XX
Port C3
Timer 1 -
channel 3
-
26
21
PC4/
TIM1_CH4/
CLK_CCO
I/O
X
XX
HS
O3
XX
Port C4
Timer 1 -
channel 4
/configurable
clock output
-
27
22
PC5/
SPI_SCK
I/O
X
X
X
HS
O3
X
X
Port C5
SPI clock
-
28
23
PC6/
SPI_MOSI
I/O
X
XX
HS
O3
XX
Port C6
SPI master
out/slave in
-
Table 5. STM8S103K3 pin descriptions (continued)
Pin name
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com