Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 36Page - STMicroelectronics STM8S103F2 Datasheet HTML 37Page - STMicroelectronics STM8S103F2 Datasheet HTML 38Page - STMicroelectronics STM8S103F2 Datasheet HTML 39Page - STMicroelectronics STM8S103F2 Datasheet HTML 40Page - STMicroelectronics STM8S103F2 Datasheet HTML 41Page - STMicroelectronics STM8S103F2 Datasheet HTML 42Page - STMicroelectronics STM8S103F2 Datasheet HTML 43Page - STMicroelectronics STM8S103F2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Memory and register map
STM8S103F2 STM8S103F3 STM8S103K3
40/121
DocID15441 Rev 14
0x00 5400
ADC1
cont’d
ADC_CSR
ADC control/status register
0x00
0x00 5401
ADC_CR1
ADC configuration register 1
0x00
0x00 5402
ADC_CR2
ADC configuration register 2
0x00
0x00 5403
ADC_CR3
ADC configuration register 3
0x00
0x00 5404
ADC_DRH
ADC data register high
0xXX
0x00 5405
ADC_DRL
ADC data register low
0xXX
0x00 5406
ADC_TDRH
ADC Schmitt trigger disable
register high
0x00
0x00 5407
ADC_TDRL
ADC Schmitt trigger disable
register low
0x00
0x00 5408
ADC_HTRH
ADC high threshold register
high
0x03
0x00 5409
ADC_HTRL
ADC high threshold register
low
0xFF
0x00 540A
ADC_LTRH
ADC low threshold register
high
0x00
0x00 540B
ADC_LTRL
ADC low threshold register
low
0x00
0x00 540C
ADC_AWSRH
ADC analog watchdog status
register high
0x00
0x00 540D
ADC_AWSRL
ADC analog watchdog status
register low
0x00
0x00 540E
ADC _AWCRH
ADC analog watchdog control
register high
0x00
0x00 540F
ADC_AWCRL
ADC analog watchdog control
register low
0x00
0x00 5410 to 0x00 57FF
Reserved area (1008 byte)
1. Depends on the previous reset source.
2. Write-only register.
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com