Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 19Page - STMicroelectronics STM8S103F2 Datasheet HTML 20Page - STMicroelectronics STM8S103F2 Datasheet HTML 21Page - STMicroelectronics STM8S103F2 Datasheet HTML 22Page - STMicroelectronics STM8S103F2 Datasheet HTML 23Page - STMicroelectronics STM8S103F2 Datasheet HTML 24Page - STMicroelectronics STM8S103F2 Datasheet HTML 25Page - STMicroelectronics STM8S103F2 Datasheet HTML 26Page - STMicroelectronics STM8S103F2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 121 page
background image
DocID15441 Rev 14
23/121
STM8S103F2 STM8S103F3 STM8S103K3
Pinout and pin description
30
Figure 4. STM8S103K3 SDIP32 pinout
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an
exclusive choice not a duplication of the function).
Table 5. STM8S103K3 pin descriptions
Pin name
Input
Output
6
1
NRST
I/O
-
X
----
-
Reset
-
7
2
PA1/
OSCIN(2)
I/O
X
X
X
-
O1
X
X
Port A1
Resonator/
crystal in
-
8
3
PA2/
OSCOUT
I/O
X
X
X
-
O1
X
X
Port A2
Resonator/
crystal out
-
9
4
VSS
S
-------
Digital ground
-
10
5
VCAP
S
------
1.8 V regulator capacitor
-
11
6
VDD
S
-------
Digital power supply
-
12
7
PA3/
TIM2_CH3
[SPI_NSS]
I/O
X
X
X
HS
O3
X
X
Port A3
Timer 2
channel 3
SPI master/
slave select
[AFR1]
13
8
PF4
I/O
X
X
-
-
O1
X
X
Port F4
-
-
14
9
PB7
I/O
X
X
X
-
O1
X
X
Port B7
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com