Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 45Page - STMicroelectronics STM8S103F2 Datasheet HTML 46Page - STMicroelectronics STM8S103F2 Datasheet HTML 47Page - STMicroelectronics STM8S103F2 Datasheet HTML 48Page - STMicroelectronics STM8S103F2 Datasheet HTML 49Page - STMicroelectronics STM8S103F2 Datasheet HTML 50Page - STMicroelectronics STM8S103F2 Datasheet HTML 51Page - STMicroelectronics STM8S103F2 Datasheet HTML 52Page - STMicroelectronics STM8S103F2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
DocID15441 Rev 14
49/121
STM8S103F2 STM8S103F3 STM8S103K3
Unique ID
49
9
Unique ID
The devices feature a 96-bit unique device identifier which provides a reference number that
is unique for any device and in any context. The 96 bits of the identifier can never be altered
by the user.
The unique device identifier can be read in single byte and may then be concatenated using
a custom algorithm.
The unique device identifier is ideally suited:
•
For use as serial numbers
•
For use as security keys to increase the code security in the program memory while
using and combining this unique ID with software cryptographic primitives and
protocols before programming the internal memory.
•
To activate secure boot processes
Table 15. Unique ID registers (96 bits)
Address
Content
description
Unique ID bits
76543
210
0x4865
X co-ordinate on
the wafer
U_ID[7:0]
0x4866
U_ID[15:8]
0x4867
Y co-ordinate on
the wafer
U_ID[23:16]
0x4868
U_ID[31:24]
0x4869
Wafer number
U_ID[39:32]
0x486A
Lot number
U_ID[47:40]
0x486B
U_ID[55:48]
0x486C
U_ID[63:56]
0x486D
U_ID[71:64]
0x486E
U_ID[79:72]
0x486F
U_ID[87:80]
0x4870
U_ID[95:88]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com