Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 65Page - STMicroelectronics STM8S103F2 Datasheet HTML 66Page - STMicroelectronics STM8S103F2 Datasheet HTML 67Page - STMicroelectronics STM8S103F2 Datasheet HTML 68Page - STMicroelectronics STM8S103F2 Datasheet HTML 69Page - STMicroelectronics STM8S103F2 Datasheet HTML 70Page - STMicroelectronics STM8S103F2 Datasheet HTML 71Page - STMicroelectronics STM8S103F2 Datasheet HTML 72Page - STMicroelectronics STM8S103F2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
DocID15441 Rev 14
69/121
STM8S103F2 STM8S103F3 STM8S103K3
Electrical characteristics
88
10.3.5
Memory characteristics
RAM and hardware registers
Flash program memory/data EEPROM memory
Table 36. RAM and hardware registers
Symbol
Parameter
Conditions
Min
Unit
VRM
Data retention mode(1)
1. Minimum supply voltage without losing data stored in RAM (in halt mode or under reset) or in hardware
registers (only in halt mode). Guaranteed by design, not tested in production.
Halt mode (or reset)
VIT-max(2)
2. Refer to Section 10.3: Operating conditions for the value of VIT-max.
V
Table 37. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results.
Typ
Max
Unit
VDD
Operating voltage
(all modes, execution/write/erase)
fCPU≤ 16 MHz
2.95
-
5.5
V
tprog
Standard programming time (including
erase) for byte/word/block
(1 byte/4 byte/64 byte)
--
6
6.6
ms
Fast programming time for 1 block
(64 byte)
--
3
3.33
terase
Erase time for 1 block (64 byte)
-
-
3
3.33
NRW
Erase/write cycles
(program memory)(2)
2. The physical granularity of the memory is 4 byte, so cycling is performed on 4 byte even when a
write/erase operation addresses a single byte.
TA = +85 °C
100k
-
-
cycle
Erase/write cycles (data memory)(2)
TA = +125 °C
300k
1M
-
tRET
Data retention (program and data
memory) after 10k erase/write cycles
at TA= +55 °C
TRET = 55 °C
20
-
-
year
Data retention (data memory) after
300k erase/write cycles at
TA= +125°C
TRET = 85 °C
1
-
-
IDD
Supply current (Flash programming or
erasing for 1 to 128 byte)
--
2
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com