Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 53Page - STMicroelectronics STM8S103F2 Datasheet HTML 54Page - STMicroelectronics STM8S103F2 Datasheet HTML 55Page - STMicroelectronics STM8S103F2 Datasheet HTML 56Page - STMicroelectronics STM8S103F2 Datasheet HTML 57Page - STMicroelectronics STM8S103F2 Datasheet HTML 58Page - STMicroelectronics STM8S103F2 Datasheet HTML 59Page - STMicroelectronics STM8S103F2 Datasheet HTML 60Page - STMicroelectronics STM8S103F2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 121 page
background image
DocID15441 Rev 14
57/121
STM8S103F2 STM8S103F3 STM8S103K3
Electrical characteristics
88
Total current consumption in wait mode
Table 23. Total current consumption in wait mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.6
-
mA
HSE user ext. clock
(16 MHz)
1.1
1.3
HSI RC osc. (16 MHz)
0.89
1.1
fCPU = fMASTER /128 = 125 kHz HSI RC osc. (16 MHz)
0.7
0.88
fCPU = fMASTER /s128 =
15.625 kHz
HSI RC osc. (16 MHz/8)(2)
0.45
0.57
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.4
0.54
1. Guaranteed by characterization results.
2. Default clock configuration measured with all peripherals off.
Table 24. Total current consumption in wait mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.1
-
mA
HSE user ext. clock
(16 MHz)
1.1
1.3
HSI RC osc. (16 MHz)
0.89
1.1
fCPU = fMASTER /128 = 125 kHz HSI RC osc. (16 MHz)
0.7
0.88
fCPU = fMASTER /s128 =
15.625 kHz
HSI RC osc. (16 MHz/8)(2)
0.45
0.57
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.4
0.54
1. Guaranteed by characterization results.
2. Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com