Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 21Page - STMicroelectronics STM8S103F2 Datasheet HTML 22Page - STMicroelectronics STM8S103F2 Datasheet HTML 23Page - STMicroelectronics STM8S103F2 Datasheet HTML 24Page - STMicroelectronics STM8S103F2 Datasheet HTML 25Page - STMicroelectronics STM8S103F2 Datasheet HTML 26Page - STMicroelectronics STM8S103F2 Datasheet HTML 27Page - STMicroelectronics STM8S103F2 Datasheet HTML 28Page - STMicroelectronics STM8S103F2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 121 page
background image
DocID15441 Rev 14
25/121
STM8S103F2 STM8S103F3 STM8S103K3
Pinout and pin description
30
29
24
PC7/
SPI_MISO
I/O
X
XX
HS
O3
XX
Port C7
SPI master in/
slave out
-
30
25
PD0/
TIM1_BKIN
[CLK_CCO]
I/O
X
XX
HS
O3
XX
Port D0
Timer 1 -
break input
Configurabl
e clock
output
[AFR5]
31
26
PD1/
SWIM(4)
I/O
X
XX
HS
O4
XX
Port D1
SWIM data
interface
-
32
27
PD2
[TIM2_CH3]
I/O
X
XX
HS
O3
XX
Port D2
-
Timer 2 -
channel
3[AFR1]
128
PD3/
TIM2_CH2/
ADC_ETR
I/O
X
XX
HS
O3
XX
Port D3
Timer 2 -
channel
2/ADC
external
trigger
-
229
PD4/BEEP/
TIM2_CH1
I/O
X
XX
HS
O3
XX
Port D4
Timer 2 -
channel
1/BEEP
output
-
330
PD5/
UART1_TX
I/O
X
XX
HS
O3
XX
Port D5
UART1 data
transmit
-
431
PD6/
UART1_RX
I/O
X
XX
HS
O3
XX
Port D6
UART1 data
receive
-
532
PD7/ TLI
[TIM1_CH4]
I/O
X
XX
HS
O3
XX
Port D7
Top level
interrupt
Timer 1 -
channel 4
[AFR6]
1. I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the
total driven current must respect the absolute maximum ratings (see Section 10: Electrical characteristics).
2. When the MCU is in Halt/Active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for
waking up the device. In this mode, the output state of PA1 is not driven. It is recommended to use PA1 only in input mode
if Halt/Active-halt is used in the application.
3. In the open-drain output column, “T” defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are
not implemented).
4. The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Table 5. STM8S103K3 pin descriptions (continued)
Pin name
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com