Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F2 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8S103F2
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F2 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8S103F2 Datasheet HTML 102Page - STMicroelectronics STM8S103F2 Datasheet HTML 103Page - STMicroelectronics STM8S103F2 Datasheet HTML 104Page - STMicroelectronics STM8S103F2 Datasheet HTML 105Page - STMicroelectronics STM8S103F2 Datasheet HTML 106Page - STMicroelectronics STM8S103F2 Datasheet HTML 107Page - STMicroelectronics STM8S103F2 Datasheet HTML 108Page - STMicroelectronics STM8S103F2 Datasheet HTML 109Page - STMicroelectronics STM8S103F2 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 121 page
background image
Thermal characteristics
STM8S103F2 STM8S103F3 STM8S103K3
106/121
DocID15441 Rev 14
12
Thermal characteristics
The maximum junction temperature (TJmax) of the device must never exceed the values
specified in Table 19: General operating conditions, otherwise the functionality of the device
cannot be guaranteed.
The maximum junction temperature TJmax, in degrees Celsius, may be calculated using the
following equation:
TJmax = TAmax + (PDmax x ΘJA)
Where:
•
TAmax is the maximum ambient temperature in ° C
•ΘJA is the package junction-to-ambient thermal resistance in ° C/W
•
PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax)
•
PINTmax is the product of IDD and VDD, expressed in Watts. This is the maximum chip
internal power.
•
PI/Omax represents the maximum power dissipation on output pins
Where:
PI/Omax = Σ (VOL*IOL) + Σ((VDD-VOH)*IOH),
taking into account the actual VOL/IOL and VOH/IOH of the I/Os at low and high level in
the application.
12.1
Reference document
JESD51-2 integrated circuits thermal test method environment conditions - natural
convection (still air). Available from www.jedec.org.
Table 58. Thermal characteristics(1)
1. Thermal resistances are based on JEDEC JESD51-2 with 4-layer PCB in a natural convection
environment.
Symbol
Parameter
Value
Unit
ΘJA
Thermal resistance junction-ambient
TSSOP20 - 4.4mm
84
°C/W
Thermal resistance junction-ambient
SO20W (300 mils)
91
Thermal resistance junction-ambient
UFQFPN20 - 3 x 3 mm
90
Thermal resistance junction-ambient
LQFP32 - 7 x 7 mm
60
Thermal resistance junction-ambient
UFQFPN32 - 5 x 5 mm
38
Thermal resistance junction-ambient
SDIP32 - 400 mils
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com