Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 4 Page - NXP Semiconductors

  FS5502 Datasheet HTML 1Page - NXP Semiconductors FS5502 Datasheet HTML 2Page - NXP Semiconductors FS5502 Datasheet HTML 3Page - NXP Semiconductors FS5502 Datasheet HTML 4Page - NXP Semiconductors FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
7 Pinning information
7.1 Pinning
aaa-033197
PRE_CSP
42
PRE_COMP
41
n.c.
40
BUCK1_FB
39
PSYNC
38
BUCK1_SW
37
BUCK1_IN
36
35
34
INTB
33
32
n.c.
31
n.c.
n.c.
n.c.
n.c.
n.c.
30
29
WAKE2 1
n.c.
n.c.
2
BUCK3_INQ 3
VDDI2C 4
5
BUCK3_IN 6
BUCK3_SW
EXPOSED PAD
7
DBG 8
BUCK3_FB 9
SCL 10
SDA 11
n.c. 12
n.c. 13
n.c. 14
Figure 3. Pin configuration for HVQFN56
7.2 Pin description
See Section 7.3 for connection of unused pins.
Symbol
Pin
Type
Description
WAKE2
1
A_IN / D_IN
Wake-up input 2
An external serial resistor is required if WAKE2 is a global pin
n.c.
2
n.c.
Not connected pin
BUCK3_INQ
3
A_IN
Low voltage BUCK3 quiet input voltage
VDDI2C
4
A_IN
Input voltage for I2C buffers
n.c.
5
n.c.
Not connected pin
BUCK3_IN
6
A_IN
Low voltage BUCK3 input voltage
BUCK3_SW
7
A_OUT
Low voltage BUCK3 switching node
DBG
8
A_IN
Debug mode entry
BUCK3_FB
9
A_IN
Low voltage BUCK3 voltage feedback
Table 2. Pin description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
4 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com