Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 3Page - NXP Semiconductors FS5502 Datasheet HTML 4Page - NXP Semiconductors FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors FS5502 Datasheet HTML 10Page - NXP Semiconductors FS5502 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Pin
Name
Type
Connection if not used
17
VCOREMON
A_IN
Connection mandatory
18
PGOOD
D_OUT
Connection mandatory
19
RSTB
D_OUT
Connection mandatory
20
FIN
D_IN
External pull down to GND
21
GND
GND
Connection mandatory
22
GND
GND
Connection mandatory
23
VDDIO
A_IN
Connection mandatory
24
FOUT
D_OUT
Open – push pull structure
25
n.c.
n.c.
Open
26
n.c.
n.c.
Open
27
n.c.
GND
External pull down to GND
28
n.c.
n.c.
Open
29
n.c.
n.c.
Open
30
n.c.
n.c.
Open
31
n.c.
n.c.
Open
32
n.c.
n.c.
Open
33
INTB
D_OUT
Open – 10 kΩ internal pull up to VDDIO
34
n.c.
n.c.
Open
35
n.c.
n.c.
Open
36
BUCK1_IN
A_IN
Connection mandatory
37
BUCK1_SW
A_OUT
Connection mandatory
38
PSYNC
D_IN/OUT
External pull up to VBOS
39
BUCK1_FB
A_IN
Connection mandatory
40
n.c.
n.c.
External pull down to GND
41
PRE_COMP
A_IN
See Section 14.7 "VPRE not populated"
42
PRE_CSP
A_IN
See Section 14.7 "VPRE not populated"
43
PRE_GLS
A_OUT
See Section 14.7 "VPRE not populated"
44
PRE_SW
A_OUT
See Section 14.7 "VPRE not populated"
45
PRE_GHS
A_OUT
See Section 14.7 "VPRE not populated"
46
PRE_BOOT
A_IN/OUT
See Section 14.7 "VPRE not populated"
47
VBOS
A_OUT
Connection mandatory
48
PRE_FB
A_IN
See Section 14.7 "VPRE not populated"
49
WAKE1
A_IN / D_IN
External pull down to GND
50
VSUP1
A_IN
Connection mandatory
51
VSUP2
A_IN
Connection mandatory
52
n.c.
n.c.
Open
53
VBOOST
A_IN
Connection mandatory
54
n.c.
n.c.
Open
55
LDO1
A_OUT
Open
56
LDO1_IN
A_IN
Open
Table 3. Connection of unused pins...continued
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
7 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com