Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 36Page - NXP Semiconductors FS5502 Datasheet HTML 37Page - NXP Semiconductors FS5502 Datasheet HTML 38Page - NXP Semiconductors FS5502 Datasheet HTML 39Page - NXP Semiconductors FS5502 Datasheet HTML 40Page - NXP Semiconductors FS5502 Datasheet HTML 41Page - NXP Semiconductors FS5502 Datasheet HTML 42Page - NXP Semiconductors FS5502 Datasheet HTML 43Page - NXP Semiconductors FS5502 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
12 OTP bits configuration
12.1 Overview
Legend:
bold — Regulator behavior in case of TSD and VPRE slew rate parameters can be changed later by I2C.
Name
Address
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
OTP_CFG_VPRE_1
14
0
0
VPREV[5:0]
OTP_CFG_VPRE_2
15
0
0
VPRESC[5:0]
OTP_CFG_VPRE_3
16
VPREILIM[1:0]
1
0
1
1
VPRESRHS[1:0]
OTP_CFG_BOOST_1
17
0
0
0
0
0000
OTP_CFG_BOOST_2
18
0
00
00000
OTP_CFG_BOOST_3
19
0
0
0
0
0
1
00
OTP_CFG_BUCK1_1
1A
VB1V[7:0]
OTP_CFG_BUCK1_2
1B
0
0
0
VB1INDOPT[1:0]
VB1SWILIM[1:0]
0
OTP_CFG_BUCK1_3
1C
00000000
OTP_CFG_BUCK1_4
1D
0
00
0
00
0
0
OTP_CFG_BUCK3_1
1E
BUCK3EN
VB3INDOPT[1:0]
VB3V[4:0]
OTP_CFG_BUCK3_2
1F
000
VB1GMCOMP[2:0]
VB3SWILIM[1:0]
OTP_CFG_LDO
20
0
000
LDO1ILIM
LDO1V[2:0]
OTP_CFG_SEQ_1
21
0
0
111
VB1S[2:0]
OTP_CFG_SEQ_2
22
0
0
111
LDO1S[2:0]
OTP_CFG_SEQ_3
23
DVS_BUCK1[1:0]
DVS_BUCK3[1:0]
Tslot
VB3S[2:0]
OTP_CFG_CLOCK_1
24
0
0
VPRE_ph[2:0]
1
0
0
OTP_CFG_CLOCK_2
25
0
0
BUCK1_ph[2:0]
000
OTP_CFG_CLOCK_3
26
0
0
BUCK3_ph[2:0]
000
OTP_CFG_CLOCK_4
27
BUCK3_
clk_sel
0
BUCK1_
clk_sel
0
VPRE_clk_sel
PLL_sel
0
1
OTP_CFG_SM_1
28
0
0
conf_TSD[5:0]
OTP_CFG_SM_2
29
0
0
0
VPRE_off_dly
1
1
PSYNC_CFG
PSYNC_EN
OTP_CFG_VSUP_UV
2A
0
0
0
0
0
0
0
VSUPCFG
OTP_CFG_I2C
2B
0
0
0
0
M_I2CDEVADDR[3:0]
OTP_CFG_OV
2C
0
0
0
0
0
VDDIO_REG_ASSIGN[2:0]
OTP_CFG_DEVID
2D
DeviceID[7:0]
Table 57. Main OTP_REGISTERS
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
40 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com