Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 4Page - NXP Semiconductors FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors FS5502 Datasheet HTML 10Page - NXP Semiconductors FS5502 Datasheet HTML 11Page - NXP Semiconductors FS5502 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Pin
Name
Type
Connection if not used
57
EP
GND
Connection mandatory
Table 3. Connection of unused pins...continued
8 Functional description
The FS5502 device has two independent logic blocks. The main state machine manages
the power management, the Standby mode and the wake-up sources. The fail-safe state
machine manages the voltage monitoring of the power management.
8.1 Simplified functional state diagram
aaa-033198
From any
FS_state
From any
M_state
From any
FS_state after
`8s TIMER'
From any FS_state
after `WAIT'
exclude `PGOOD'
PORB_FS=0 or FS_ENABLE=0
PORB_FS=1 and VBOS > VBOS_por
PGOOD=RSTB=0
Release PGOOD and RSTB
RSTB=PGOOD=0
RSTB=0,
PGOOD=1
FS_READY=1
PGOOD=RSTB=0
START 8s Timer if DBG=0
PGOOD=RSTB=0
Power Down
STANDBY
FS
Wait 10 µs
FS_ENABLE=0
RSTB_DUR
expired
RSTB_DUR
expired
FS
READY
FS_ENABLE=1
WAIT
(Vxx_uv=0 and Vxx_ov=0)
DEEP-FS
RELEASE
RESET
PGOOD=RSTB=1
PGOOD=RSTB=1
INIT_FS
ASSERT
RSTB
Activate RSTB
From any FS_state
after `WAIT'
include `RSTB'
ASSERT
PGOOD
Activate PGOOD
PORB_MAIN=0 or VBOS < VBOS_por
PORB_MAIN=1
and VBOS > VBOS_por
and (WAKE1=1or WAKE2=1)
All regulators OFF
FS logic OFF
VPRE ON
VREGx PWR_UP
All regulators ON
VPRE > VPRE_uvh and VPRE_soft_start complete
and (PSYNC=1 or !OTP_PSYNC_cfg)
FS_ENABLE=1
VPRE < VPRE_uvl (2ms)
Power Down
STANDBY
(WAKE1=1 or WAKE2=1)
and DBG=0
WAKE1=WAKE2=0
WAKE1=1 and DBG=0
WAKE1=0 (1ms)
or OTP_
AutoRetry_4s
WAKE1=WAKE2=0
VPRE_FB_OV or
(VREGx_TSD and OTB_CONF_TSD)
All regulators OFF
FS logic OFF
DFS=1
Fail-safe State Machine
MAIN State Machine
WAIT
FS &
SUPPLY
STANDBY
DEEP-FS
VSUP > VSUP_uvh and VBOS > VBOS_uvh
and FS_READY=1 and
(PSYNC=1 or OTP_PSYNC_cfg)
VPRE ON
VREGx
PWR_UP
VPRE
OFF
End PWR_DOWN
VREGx OFF
VBOOST OFF
WAIT 250 µs
FS_ENABLE=0
VREGx PWR_DOWN
GoTo_STBY=1
or FS_READY=0
or (WAKE1=WAKE2=0)
VBOS < VBOS_uvl
or VPRE < VPRE_uvl
WAIT
OTP_VPRE_off_dly
VREGx
PWR_
DOWN
End PWR_UP
NORMAL_
M
Figure 4. Simplified functional state diagram
8.2 Main state machine
The FS5502 start when VSUP > VSUP_UVH and WAKE1 or WAKE2 > WAKE12VIH with
VBOS first, followed by VPRE, and the power-up sequencing from the OTP programming
for the remaining regulators if PSYNC pin is pulled up to VBOS. If during the power-up
sequence VSUP < VSUP_UVL, the device goes back to Standby mode. When the power-
up is finished, the main state machine is in Normal_M mode, which is the application
running mode with all the regulators ON and VSUP_UVL has no effect even if VSUP <
VSUP_UVL. See Figure 29 for the minimum operating voltage.
The power up sequence can be synchronized with another PMIC using the PSYNC pin
in order to stop before or after VPRE is ON and wait for the PMIC feedback on PSYNC
pin before allowing FS5502 to continue its power up sequence. If the power up sequence
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
8 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com