Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 42Page - NXP Semiconductors FS5502 Datasheet HTML 43Page - NXP Semiconductors FS5502 Datasheet HTML 44Page - NXP Semiconductors FS5502 Datasheet HTML 45Page - NXP Semiconductors FS5502 Datasheet HTML 46Page - NXP Semiconductors FS5502 Datasheet HTML 47Page - NXP Semiconductors FS5502 Datasheet HTML 48Page - NXP Semiconductors FS5502 Datasheet HTML 49Page - NXP Semiconductors FS5502 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Address
Register
Bit
Symbol
Value
Description
VSUP undervoltage threshold
configuration
0
4.9 V for Vpre < 4.5 V
2A
OTP_CFG_VSUP_UV
0
VSUP_CFG
1
6.2 V for Vpre > 4.5 V
Device I2C address
0000
Address D0
…
...
2B
OTP_CFG_I2C
3 to 0
M_I2CDEVADDR[3:0]
1111
Address D15
Regulator assigned to VDDIO
000
External regulator
001
VPRE
010
RESERVED
011
LDO2
100
BUCK3
101
External regulator
110
External regulator
2C
OTP_CFG_OV
2 to 0
VDDIO_REG_ASSIGN[2:0]
111
External regulator
2D
OTP_CFG_DEVID
7 to 0
DeviceID[7:0]
Device ID
Table 59. Main OTP bit description...continued
12.3 Fail-safe OTP bit description
Address
Register
Bit
Symbol
Value
Description
VCORE (VBUCK1) monitoring voltage
0100 0000
0.8 V
0100 0100
0.825 V
0101 0000
0.9 V
0101 1000
0.95 V
0110 0000
1 V
01100100
1.025 V
0110 0101
1.03125 V
0110 0000
1.1 V
1000 0000
1.2 V
1000 1000
1.25 V
1001 0000
1.3 V
1001 1000
1.35 V
1010 0000
1.4 V
1011 0000
1.5 V
0A
OTP_CFG_UVOV_1
7 to 0
VCORE_V[7:0]
1011 0001
1.8 V
Table 60. Fail-safe OTP bit description
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
46 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com