Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors FS5502 Datasheet HTML 10Page - NXP Semiconductors FS5502 Datasheet HTML 11Page - NXP Semiconductors FS5502 Datasheet HTML 12Page - NXP Semiconductors FS5502 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
from VPRE ON to NORMAL_M is not completed within 1 second, the device goes back
to Standby mode. VPRE restarts when VSUP > VSUP_UVH and WAKE1 or WAKE2 >
WAKE12VIH.
The device goes to Standby mode by an I2C command from the MCU. The device goes
to Standby mode when both WAKE1 and WAKE 2 = 0. The device goes to Standby
mode following the power down sequence to stop all the regulators in the reverse order
of the power up sequence. VPRE shutdown can be delayed from 250 μs to 32 ms by
OTP_VPRE_off_dly bit in case VPRE is supplying an external PMIC to wait its power
down sequence completion.
In case of loss of VPRE (VPRE < VPRE_UVL) or loss of VBOS (VBOS < VBOS_UVL), the
device stops and goes directly to Standby mode without power down sequence. VPRE
restarts when VSUP > VSUP_UVH and WAKE1 or WAKE2 > WAKE12VIH.
In case of VPRE_FB_OV detection, or TSD detection on a regulator depending on
OTP_conf_tsd[5:0] bits configuration, or deep fail-safe request from the fail-safe state
machine when DFS = 1, the device stops and goes directly to DEEP-FS mode without
power down sequence.
Exit of DEEP-FS mode is only possible by WAKE1 = 0 or after 4 s if the autoretry feature
is activated by OTP_Autorety_en bit. The number of autoretry can be limited to 15 or
infinite depending on OTP_Autoretry_infinite bit. VPRE restarts when VSUP > VSUP_UVH
and WAKE1 or WAKE2 > WAKE12VIH.
8.3 Fail-safe state machine
The fail-safe state machine starts when VBOS > VBOS_POR. RSTB and PGOOD pins are
released and the initialization of the device is opened.
When RSTB and PGOOD pins are released, the device is ready for application running
mode with all the selected monitoring activated. From now on, the FS5502 reacts
by asserting the pins (PGOOD, RSTB) according to its configuration when a fault is
detected.
8.4 Power sequencing
VPRE is the first regulator to start automatically, before the SLOT_0. The other regulators
are starting from the OTP power sequencing configuration. Seven slots are available
to program the start-up sequence of BUCK1, BUCK 3 and LDO1 regulators. The delay
between each slot is configurable to 250 µs or 1 ms by OTP using OTP_Tslot bit to
accommodate the different ramp up speed of BUCK1 and BUCK3.
The power up sequence starts at SLOT_0 and ends at SLOT_7 while the power down
sequence is executed in reverse order. All the SLOTs are executed even if there is no
regulator assigned to a SLOT. The regulators assigned to SLOT_7 are not started during
the power up sequence. They can be started (or not) later in Normal_M mode with an I2C
command to write in M_REG_CTRL1 register, if they are enabled by OTP.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
9 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com