Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 1 Page - NXP Semiconductors

  FS5502 Datasheet HTML 1Page - NXP Semiconductors FS5502 Datasheet HTML 2Page - NXP Semiconductors FS5502 Datasheet HTML 3Page - NXP Semiconductors FS5502 Datasheet HTML 4Page - NXP Semiconductors FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
FS5502
High voltage PMIC with multiple SMPS and LDO
Rev. 4 — 27 October 2021
Product data sheet
1 General description
This device family is part of a global platform including FS5502/VR5500 (Quality
Management), FS84 (fit for ASIL B) and FS85 (fit for ASIL D), pin to pin and software
compatible. This data sheet covers FS5502 device only.
The FS5502 is an automotive high voltage multi-output power supply integrated circuit,
with focus on radio and radar applications. It includes multiple switch mode and linear
voltage regulators. It offers external frequency synchronization input and output, for
optimized system EMC performance and it is qualified in compliance with AEC-Q100 rev
H (Grade1, MSL3).
Several device versions are available, offering choice in number of output rails, output
voltage setting, operating frequency and power up sequencing, to address multiple
applications.
2 Features and benefits
• 60 V DC maximum input voltage for 12 V and 24 V applications
• VPRE synchronous buck controller with external MOSFETs. Configurable output
voltage, switching frequency, and current capability up to 10 A peak.
• Low voltage integrated synchronous BUCK1 converter, dedicated to MCU core supply
with SVS capability. Configurable output voltage and current capability up to 3.6 A
peak.
• Low voltage integrated synchronous BUCK3 converter. Configurable output voltage
and current capability up to 3.6 A peak.
• EMC optimization techniques including SMPS frequency synchronization, spread
spectrum, slew rate control, manual frequency tuning
• One linear voltage regulator for MCU IOs and ADC supply, external physical layer.
Configurable output voltage and current capability up to 400 mA DC.
• OFF mode with very low sleep current (10 μA typ)
• Two input pins for wake-up detection and battery voltage sensing
• Device control via I2C interface with CRC
• Power synchronization pin to operate two FS5502 devices or FS5502 plus an external
PMIC
• Three voltage monitoring circuits, dedicated interface for MCU monitoring, power good,
reset and interrupt outputs
• Configuration by OTP programming. Prototype enablement to support custom setting
during project development in engineering mode.


Similar Part No. - FS5502

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS55MR12W1M1HB11NPSA1 INFINEON-FS55MR12W1M1HB11NPSA1 Datasheet
1Mb / 16P
EasyPACK??module with CoolSiC??Trench MOSFET and PressFIT / NTC
Revision 1.10 2022-04-13
FS55MR12W1M1H_B11 INFINEON-FS55MR12W1M1H_B11 Datasheet
1Mb / 16P
EasyPACK??module with CoolSiC??Trench MOSFET and PressFIT / NTC
Revision 1.10 2022-04-13
More results

Similar Description - FS5502

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Texas Instruments
TPS65720 TI1-TPS65720_16 Datasheet
2Mb / 66P
Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
logo
uPI Group Inc.
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
High Efficiency PMIC with Dynamic Voltage Management
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
High Efficiency PMIC with Dynamic Voltage Management
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5500 NXP-VR5500 Datasheet
1Mb / 131P
High voltage PMIC with multiple SMPS and LDO
Rev. 6-29 January 2020
logo
Analog Devices
ADP5350 AD-ADP5350 Datasheet
1Mb / 63P
Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
5/2018-Rev. A to Rev. B
logo
NXP Semiconductors
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
DA9080 RENESAS-DA9080 Datasheet
713Kb / 52P
High Current, Highly Configurable System PMIC with Four Bucks and One LDO
08-Feb-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com