Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 67Page - NXP Semiconductors FS5502 Datasheet HTML 68Page - NXP Semiconductors FS5502 Datasheet HTML 69Page - NXP Semiconductors FS5502 Datasheet HTML 70Page - NXP Semiconductors FS5502 Datasheet HTML 71Page - NXP Semiconductors FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors FS5502 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
17.3 LDO1 electrical characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VLDO1_IN
Input voltage range
2.5
—
6.5
V
VLDO1
Output voltage (OTP_VLDO1V[2:0])
1.1 V, 1.2 V, 1.6 V, 1.8 V, 2.5 V, 2.8 V, 3.3 V, 5.0 V
1.1
—
5.0
V
VLDO1_ACC_150
Output voltage accuracy, 150 mA current capability
−2
—
+2
%
VLDO1_ACC_400
Output voltage accuracy, 400 mA current capability
−3
—
+3
%
VLDO1_DROP_150
Minimum voltage drop for 150 mA current capability
0.5
—
—
V
VLDO1_DROP_400
Minimum voltage drop for 400 mA current capability
1.0
—
—
V
CIN_LDO1
Input capacitor (close to LDO1_IN pin)
1.0
—
—
μF
COUT_LDO1_150
Output capacitor, 150 mA current capability
4.7
—
10
μF
COUT_LDO1_400
Output capacitor, 400 mA current capability
6.8
—
10
μF
COUT_LDO1
Output decoupling capacitor
0.1
—
—
μF
VLDO1_LTR_150
Transient load regulation (from 10 mA to 150 mA in 2.0 μs) −4
—
+4
%
VLDO1_LTR_400
Transient load regulation (from 10 mA to 400 mA in 4.0 μs) −5
—
+5
%
VLDO1_LR
Line regulation
—
—
0.5
%
VLDO1_ILIM_150
Current limitation, 150 mA current capability (OTP_
LDO1ILIM)
200
280
500
mA
VLDO1_ILIM_400
Current limitation, 400 mA current capability (OTP_
LDO1ILIM)
430
560
800
mA
VLDO1_SOFT_START
Soft start (enable to 90 %)
—
1.0
1.3
ms
VLDO1_STARTUP
Overshoot at startup
—
—
2
%
RLDO1_DISCH
Discharge resistance (when LDO1 is disabled)
10
20
60
Ω
TSDLDO1
Thermal shutdown threshold
160
—
—
°C
TSDLDO1_HYST
Thermal shutdown threshold hysteresis
—
9
—
°C
TLDO1_TSD
Thermal shutdown filtering time
3
5
8
μs
Table 66. LDO1 electrical characteristics
18 Clock management
18.1 Clock description
The clock management block is made of the Internal oscillator, the Phase Locked Loop
(PLL) and multiple dividers. This block manages the clock generation for the internal
digital state machines, the switching regulators and the external clock synchronization.
The internal oscillator is running at 20 MHz by default after start up. The frequency is
programmable by I2C and a spread spectrum feature can be activated by I2C to reduce
the emission of the oscillator fundamental frequency.
VPRE switching frequency comes from CLK2 (455 kHz) or CLK1 (2.22 MHz). BUCK1
and BUCK3 switching frequency comes from CLK1 (2.22 MHz). The switching regulators
can be synchronized with an external frequency coming from FIN pin. A dedicated
watchdog monitoring is implemented to verify and report the correct FIN frequency range.
Different clocks can be sent to FOUT pin to synchronize an external IC or for diagnostic.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
71 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com