Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 61Page - NXP Semiconductors FS5502 Datasheet HTML 62Page - NXP Semiconductors FS5502 Datasheet HTML 63Page - NXP Semiconductors FS5502 Datasheet HTML 64Page - NXP Semiconductors FS5502 Datasheet HTML 65Page - NXP Semiconductors FS5502 Datasheet HTML 66Page - NXP Semiconductors FS5502 Datasheet HTML 67Page - NXP Semiconductors FS5502 Datasheet HTML 68Page - NXP Semiconductors FS5502 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Current (A)
BUCK1 Efficiency (VPRE = 4.1 V)
aaa-035374
Efficiency
(%)
0.8 V_Eff
1.25 V_Eff
1.8 V_Eff
Cin
Ext. C and L
Int. MOSFET's
60
µF
ESR Cin
10
mΩ
Cout
44
µF
ESR Cout
10
mΩ
L coil
1
µH
DCR coil
20
mΩ
HS_Rdson
135
mΩ
QLS
0.5
nC
QHS
0.5
nC
THS_sw
3
ns
GLS_drive
5
V
GHS_drive
5
V
LS_Rdson
80
mΩ
TLS_sw
3
ns
0
2.5
2.0
1.0
1.5
0.5
2.25
1.75
0.75
1.25
0.25
90
85
95
100
80
Figure 17. BUCK1 theoretical efficiency
16 Low voltage buck: BUCK3
16.1 Functional description
BUCK3 block is a low voltage, synchronous, peak current mode buck converter with
integrated HS PMOS and LS NMOS. BUCK3 works in force PWM and the output voltage
is configurable by OTP from 1.0 V to 3.3 V, the switching frequency is 2.22 MHz and the
output current is limited to 3.6 A peak. The input of this block can be connected to the
output of VPRE. The stability is ensured by an internal Type 2 compensation network
with slope compensation.
By default, BUCK3 switching frequency is derived from the internal oscillator, and can
be synchronized with an external frequency signal applied on FIN input pin. The change
from internal oscillator to external clock or vice versa is controlled by I2C.
An overcurrent detection and a thermal shutdown are implemented on BUCK3 to protect
the internal MOSFETs. The overcurrent induces a duty cycle reduction that could lead to
the output voltage gradually dropping, causing an undervoltage condition.
BUCK3 is part number dependent according to OTP_BUCK3EN bit. BUCK3_INQ pin,
used to bias internal BUCK3 driver, and must be connected to the same source pin as
BUCK3_IN pin. The ramp up and ramp down of BUCK3 when it is enabled and disabled
is configurable with OTP_DVS_BUCK3[1:0] bits to accommodate multiple MCU soft start
requirements.
Programmable phase shift control is implemented, see Section 18 "Clock management".
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
65 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com