Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 2Page - NXP Semiconductors FS5502 Datasheet HTML 3Page - NXP Semiconductors FS5502 Datasheet HTML 4Page - NXP Semiconductors FS5502 Datasheet HTML 5Page - NXP Semiconductors FS5502 Datasheet HTML 6Page - NXP Semiconductors FS5502 Datasheet HTML 7Page - NXP Semiconductors FS5502 Datasheet HTML 8Page - NXP Semiconductors FS5502 Datasheet HTML 9Page - NXP Semiconductors FS5502 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
Symbol
Pin
Type
Description
PRE_GLS
43
A_OUT
VPRE low-side gate driver for external MOSFET
PRE_SW
44
A_OUT
VPRE switching node
PRE_GHS
45
A_OUT
VPRE high-side gate driver for external MOSFET
PRE_BOOT
46
A_IN/OUT
VPRE bootstrap capacitor
VBOS
47
A_OUT
Best of supply output voltage
PRE_FB
48
A_IN
VPRE voltage feedback and negative current sense input
WAKE1
49
A_IN / D_IN
Wake up input 1
An external serial resistor is required if WAKE1 is a global pin
VSUP1
50
A_IN
Power supply 1 of the device
An external reverse battery protection diode in series is
mandatory
VSUP2
51
A_IN
Power supply 2 of the device
An external reverse battery protection diode in series is
mandatory
n.c.
52
n.c.
Not connected pin
VBOOST
53
A_IN
VBOOST voltage feedback
Must be connected to PRE_FB
n.c.
54
n.c.
Not connected pin
LDO1
55
A_OUT
Linear regulator 1 output voltage
LDO1_IN
56
A_IN
Linear regulator 1 input voltage
EP
57
GND
Exposed pad (BUCK1 and BUCK3 low-side GNDs are
connected to the expose pad)
Table 2. Pin description...continued
7.3 Connection of unused pins
Pin
Name
Type
Connection if not used
1
WAKE2
A_IN / D_IN
External pull down to GND
2
n.c.
n.c.
Open
3
BUCK3_INQ
A_IN
Open
4
VDDI2C
A_IN
Open
5
n.c.
n.c.
Open
6
BUCK3_IN
A_IN
Open
7
BUCK3_SW
A_OUT
Open
8
DBG
A_IN
Connection mandatory
9
BUCK3_FB
A_IN
Open
10
SCL
D_IN
External pull down to GND
11
SDA
D_IN/OUT
External pull down to GND
12
n.c.
n.c.
Open
13
n.c.
n.c.
Open
14
n.c.
n.c.
Open
15
n.c.
n.c.
Open
16
VMON1
A_IN
Open – 2 MΩ internal pull down to GND, OTP_VMON1_EN=0
Table 3. Connection of unused pins
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
6 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com