Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 75Page - NXP Semiconductors FS5502 Datasheet HTML 76Page - NXP Semiconductors FS5502 Datasheet HTML 77Page - NXP Semiconductors FS5502 Datasheet HTML 78Page - NXP Semiconductors FS5502 Datasheet HTML 79Page - NXP Semiconductors FS5502 Datasheet HTML 80Page - NXP Semiconductors FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
PSYNCVIH
High level input voltage threshold
—
—
2
V
PSYNCHYST
Hysteresis
0.1
—
—
V
PSYNCVOL
Low level output threshold (I = 2.0 mA)
—
—
0.5
V
PSYNCIPD
Internal pull-down current source
7
10
13
μA
PSYNCRPU
External pull-up resistor to VBOS
—
10
—
kΩ
PSYNCCOUT
External decoupling capacitor
—
0.1
—
μF
PSYNCTFB
Feedback filtering time
6
10
15
μs
Table 74. PSYNC electrical characteristics...continued
20 I2C interface
20.1 I2C interface overview
The FS5502 use an I2C interface following the high-speed mode definition up to 3.4 Mbit/
s. I2C interface protocol requires a device address for addressing the target IC on a multi-
device bus. The FS5502 has two device address: one to access the main logic and one
to access the fail-safe logic. These two I2C addresses are set by OTP.
The I2C interface is using a dedicated power input pin VDDI2C and it's compatible with
1.8 V / 3.3 V input supply. Timing, diagrams, and further details can be found in the NXP
I2C specification UM10204 rev6.
B39
B38
B37
B36
B35
B34
B33
B32
B31
B30
B29
B28
B27
B26
B25
B24
ID_6-0
0
0
0
Adr_5-0
Device address
Read/Write
Register address
B23
B22
B21
B20
B19
B18
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
Data_15
Data_14
Data_13
Data_12
Data_11
Data_10
Data_9
Data_8
Data_7
Data_6
Data_5
Data_4
Data_3
Data_2
Data_1
Data_0
Data MSB
Data LSB
B7
B6
B5
B4
B3
B2
B1
B0
CRC_7
CRC_6
CRC_5
CRC_4
CRC_3
CRC_2
CRC_1
CRC_0
CRC_7
CRC_6
CRC_5
CRC_4
CRC_3
CRC_2
CRC_1
CRC_0
Table 75. I2C message arrangement
20.2 Device address
The FS5502 has two device address: one to access the Main logic and one to access the
Fail-safe logic.
B39
B38
B37
B36
B35
B34
B33
0
1
OTP
OTP
OTP
OTP
M/FS
The I2C addresses have the following arrangement:
• Bit 39: 0
• Bit 38: 1
• Bit 37 to 34: OTP value
• Bit 33: 0 to access the main logic, 1 to access the fail-safe logic
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
79 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com