Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 68Page - NXP Semiconductors FS5502 Datasheet HTML 69Page - NXP Semiconductors FS5502 Datasheet HTML 70Page - NXP Semiconductors FS5502 Datasheet HTML 71Page - NXP Semiconductors FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors FS5502 Datasheet HTML 75Page - NXP Semiconductors FS5502 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
aaa-033203
20 MHz INT. OSC
(SPREAD SPECTRUM,
FREQ TUNING)
enable
CLK2
CLK1
PLL x 48
out
in
DIVIDER
/48
DIVIDER 2
/44 (OTP)
PHASE
SHIFTING
FOUT_clk
VPRE_clk
BUCK1,3_clk
FOUT
PHASE
SHIFTING
0
1
FIN
VDDI2C
DIVIDER
/1, /6
CLK_FIN_DIV
MONITORING
OSC_MAIN/48
CLK_FIN_DIV
EXT_FIN_SEL
EXT_FIN_DIS
Vddio
FOUT_MUX_SEL
FOUT_clk
VPRE_clk
BUCKs_clk
CLK_FIN_DIV
OSC_Main/48
OSC_FS/48
DIVIDER 1
/9 (OTP)
0
1
OTP:
PLL_SEL
Figure 23. Clock management block diagram
18.2 Phase shifting
The clocks of the switching regulators (VPRE_clk, BUCK1_clk and BUCK3_clk) can be
delayed in order to avoid all the regulators to turn ON at the same time to reduce peak
current and improve EMC performance.
Each clock of each regulator can be shifted from 1 to 7 clock cycles of CLK
running at 20 MHz what corresponds to 50 ns. The phase shift configuration is
done by OTP configuration using OTP_VPRE_ph[2:0], OTP_BUCK1_ph[2:0] and
OTP_BUCK3_ph[2:0].
VPRE and BUCK3 have a peak current detection architecture. The PWM synchronizes
the turn ON of the high-side switch. BUCK1 has a valley current detection architecture.
The PWM synchronizes the turn ON of the low-side switch.
18.3 Manual frequency tuning
The internal oscillator frequency, 20 MHz by default, can be programmed from 16 MHz
to 24 MHz with 1.0 MHz frequency step by I2C. The oscillator functionality is guaranteed
for frequency increment of one step at a time in either direction, with a minimum of 10
μs between two steps. For any unused code of the CLK_TUNE [3:0] bits, the internal
oscillator is set at the default 20 MHz frequency.
To change the internal oscillator frequency from 20 MHz to 24 MHz, four I2C commands
are required with 10 μs wait time between each command (21 MHz – wait 10 μs – 22
MHz – wait 10 μs – 23 MHz – wait 10 μs – 24 MHz). To change the internal oscillator
frequency from 24 MHz to 16 MHz, eight I2C commands are required with 10 μs wait time
between each command (23 MHz – wait 10 μs – 22 MHz – wait 10 μs – 21 MHz – wait
10 μs – 20 MHz – wait 10 μs – 19 MHz – wait 10 μs – 18 MHz – wait 10 μs – 17 MHz –
wait 10 μs – 16MHz).
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
72 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com