Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 80Page - NXP Semiconductors FS5502 Datasheet HTML 81Page - NXP Semiconductors FS5502 Datasheet HTML 82Page - NXP Semiconductors FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
25 Characteristics
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
Power supply
ISUP_NORMAL
Current in Normal mode, all regulators ON (IOUT = 0)
—
15
25
mA
ISUP_STANDBY
Current in Standby mode, all regulators OFF except
VBOS
—
5
10
mA
ISUP_OFF1
Current in OFF mode (Power Down), TA < 85 °C
—
10
15
μA
ISUP_OFF2
Current in OFF mode (Power Down), TA = 125 °C
—
—
25
μA
VSUP_UV7
VSUP undervoltage threshold (7.0 V)
7.2
7.5
7.8
V
VSUP undervoltage threshold high (during power up
and Vsup rising) OTP_VSUP_CFG = 0
4.7
—
5.1
V
VSUP_UVH
VSUP undervoltage threshold high (during power up
and Vsup rising) OTP_VSUP_CFG = 1
6.0
—
6.4
V
VSUP undervoltage threshold low (during power up
and Vsup falling) OTP_VSUP_CFG = 0
4.0
—
4.4
V
VSUP_UVL
VSUP undervoltage threshold low (during power up
and Vsup falling) OTP_VSUP_CFG = 1
5.3
—
5.7
V
TSUP_UV
VSUP_UV7, VSUP_UVH and VSUP_UVL filtering time
6.0
10
15
μs
Table 80. Electrical characteristics
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
84 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com