Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 72Page - NXP Semiconductors FS5502 Datasheet HTML 73Page - NXP Semiconductors FS5502 Datasheet HTML 74Page - NXP Semiconductors FS5502 Datasheet HTML 75Page - NXP Semiconductors FS5502 Datasheet HTML 76Page - NXP Semiconductors FS5502 Datasheet HTML 77Page - NXP Semiconductors FS5502 Datasheet HTML 78Page - NXP Semiconductors FS5502 Datasheet HTML 79Page - NXP Semiconductors FS5502 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
INTBVOL
Low output level threshold (I = 2.0 mA)
—
—
0.5
V
INTBLKG
Input leakage current
—
—
1.0
μA
INTBPULSE
Pulse duration (without manual frequency tuning) 90
100
110
μs
Table 71. INTB electrical characteristics...continued
Interrupt main
Description
VSUP_UV7
VSUP undervoltage 7.0 V
VSUP_UVH
VSUP undervoltage high
VSUP_UVL
VSUP undervoltage low
VBOS_UVH
VBOS undervoltage high
VPRE_OC
VPRE overcurrent
VPRE_FB_OV
VPRE overvoltage protection
VPRE_UVH
VPRE undervoltage high
VPRE_UVL
VPRE undervoltage low
BUCK1_TSD
BUCK1 overtemperature shutdown event
BUCK1_OC
BUCK1 overcurrent
BUCK3_TSD
BUCK3 overtemperature shutdown event
BUCK3_OC
BUCK3 overcurrent
LDO1_TSD
LDO1 overtemperature shutdown event
LDO1_OC
LDO1 overcurrent
WAKE1
WAKE1 transition
WAKE2
WAKE2 transition
COM
I2C communication error
Table 72. List of interrupts from main logic
Interrupt fail-safe
Description
VCOREMON_OV
VCOREMON overvoltage detected
VCOREMON_UV
VCOREMON undervoltage detected
VDDIO_OV
VDDIO overvoltage detected
VDDIO_UV
VDDIO undervoltage detected
VMON1_OV
VMON1 overvoltage detected
VMON1_UV
VMON1 undervoltage detected
Table 73. List of interrupts from fail-safe logic
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
76 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com