Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5502 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # FS5502
Description  High voltage PMIC with multiple SMPS and LDO
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5502 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button FS5502 Datasheet HTML 83Page - NXP Semiconductors FS5502 Datasheet HTML 84Page - NXP Semiconductors FS5502 Datasheet HTML 85Page - NXP Semiconductors FS5502 Datasheet HTML 86Page - NXP Semiconductors FS5502 Datasheet HTML 87Page - NXP Semiconductors FS5502 Datasheet HTML 88Page - NXP Semiconductors FS5502 Datasheet HTML 89Page - NXP Semiconductors FS5502 Datasheet HTML 90Page - NXP Semiconductors FS5502 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 113 page
background image
NXP Semiconductors
FS5502
High voltage PMIC with multiple SMPS and LDO
TA = −40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min
Typ
Max
Unit
VCOREMON_OV_max Overvoltage threshold maximum
—
+12
—
%
VCOREMON_OV_step Overvoltage threshold step (OTP_
VCOREOVTH[7:0] bits)
—
+0.5
—
%
VCOREMON_OV_acc
Overvoltage threshold accuracy
−2
—
2
%
20
25
30
μs
TCOREMON_OV
Overvoltage filtering time (OTP_VCORE_OV_
DGLT bit)
40
45
50
μs
VCOREMON_UV_min
Undervoltage threshold minimum
—
−4.5
—
%
VCOREMON_UV_max Undervoltage threshold maximum
—
−12
—
%
VCOREMON_UV_step Undervoltage threshold step (OTP_
VCOREUVTH[7:0] bits)
—
−0.5
—
%
VCOREMON_UV_acc
Undervoltage threshold accuracy
−2
—
2
%
2.5
5
7.5
μs
10
15
20
μs
20
25
30
μs
TCOREMON_UV
Undervoltage filtering time (OTP_VCORE_UV_
DGLT[1:0] bits)
35
40
45
μs
Table 82. VCOREMON electrical characteristics...continued
27.2.2 Static voltage scaling (SVS)
A static voltage scaling function is implemented to allow the MCU to reduce the output
voltage initially configured at start-up of BUCK1. The SVS configuration must be done in
INIT_FS phase. The offset value is configurable by I2C with the SVS_OFFSET[4:0] bits
and the exact complemented value shall be written in the NOT_SVS_OFFSET[4:0] bits.
SVS_OFFSET[4:0]
NOT_SVS_OFFSET[4:0]
Offset applied to BUCK1
0 0000 (default)
1 1111
0 mV
0 0001
1 1110
−6.25 mV
...
...
−6.25 mV step per bit
1 0000
0 1111
−100 mV
Reset condition
POR
Table 83. SVS offset configuration
The BUCK1 output voltage transition starts when the NOT_SVS_OFFSET[4:0] I2C
command is received and confirmed good. If the NOT_SVS_OFFSET[4:0] I2C command
is not the exact opposite to the SVS_OFFSET[4:0] I2C command, the SVS procedure
is not executed and the BUCK1 output voltage remains at its original value. The OV/
UV threshold changes immediately when the NOT_SVS_OFFSET[4:0] I2C command is
received and confirmed good. Therefore, the BUCK1 output voltage transition is done
within TCOREMON_OV.
FS5502
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 27 October 2021
87 / 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com