Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 119 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 119 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 115Page - Analog Devices ADE7978 Datasheet HTML 116Page - Analog Devices ADE7978 Datasheet HTML 117Page - Analog Devices ADE7978 Datasheet HTML 118Page - Analog Devices ADE7978 Datasheet HTML 119Page - Analog Devices ADE7978 Datasheet HTML 120Page - Analog Devices ADE7978 Datasheet HTML 121Page - Analog Devices ADE7978 Datasheet HTML 122Page - Analog Devices ADE7978 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 119 of 125
Table 53. APHCAL, BPHCAL, CPHCAL Registers (Address 0xE614, Address 0xE615, Address 0xE616)
Bits
Bit Name
Default Value
Description
[9:0]
PHCALVAL
0000000000
If current channel compensation is necessary, these bits can be set to a value from 0 to 383.
If voltage channel compensation is necessary, these bits can be set to a value from 512 to
895. If the PHCALVAL bits are set to values from 384 to 511, the compensation behaves in
the same way as when the PHCALVAL bits are set to values from 0 to 127. If the PHCALVAL
bits are set to values from 896 to 1023, the compensation behaves in the same way as
when the PHCALVAL bits are set to values from 512 and 639.
[15:10]
Reserved
000000
Reserved. These bits do not manage any functionality.
Table 54. PHSIGN Register (Address 0xE617)
Bits
Bit Name
Default Value
Description
0
AWSIGN
0
0: the Phase A active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is positive.
1: the Phase A active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is negative.
1
BWSIGN
0
0: the Phase B active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is positive.
1: the Phase B active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is negative.
2
CWSIGN
0
0: the Phase C active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is positive.
1: the Phase C active power (total or fundamental, as specified by Bit 0 (REVAPSEL) in the
MMODE register) is negative.
3
SUM1SIGN
0
0: the sum of all phase powers in the CF1 datapath is positive.
1: the sum of all phase powers in the CF1 datapath is negative. Phase powers in the CF1
datapath are identified by Bits[2:0] (TERMSEL1[x]) of the COMPMODE register and by
Bits[2:0] (CF1SEL[2:0]) of the CFMODE register.
4
AVARSIGN
0
0: the Phase A reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is positive.
1: the Phase A reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is negative.
5
BVARSIGN
0
0: the Phase B reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is positive.
1: the Phase B reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is negative.
6
CVARSIGN
0
0: the Phase C reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is positive.
1: the Phase C reactive power (total or fundamental, as specified by Bit 1 (REVRPSEL) in the
MMODE register) is negative.
7
SUM2SIGN
0
0: the sum of all phase powers in the CF2 datapath is positive.
1: the sum of all phase powers in the CF2 datapath is negative. Phase powers in the CF2
datapath are identified by Bits[5:3] (TERMSEL2[x]) of the COMPMODE register and by
Bits[5:3] (CF2SEL[2:0]) of the CFMODE register.
8
SUM3SIGN
0
0: the sum of all phase powers in the CF3 datapath is positive.
1: the sum of all phase powers in the CF3 datapath is negative. Phase powers in the CF3
datapath are identified by Bits[8:6] (TERMSEL3[x]) of the COMPMODE register and by
Bits[8:6] (CF3SEL[2:0]) of the CFMODE register.
[15:9]
Reserved
000 0000
Reserved. These bits are always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com