Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7978 Datasheet(PDF) 121 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 121 Page - Analog Devices

Back Button ADE7978 Datasheet HTML 117Page - Analog Devices ADE7978 Datasheet HTML 118Page - Analog Devices ADE7978 Datasheet HTML 119Page - Analog Devices ADE7978 Datasheet HTML 120Page - Analog Devices ADE7978 Datasheet HTML 121Page - Analog Devices ADE7978 Datasheet HTML 122Page - Analog Devices ADE7978 Datasheet HTML 123Page - Analog Devices ADE7978 Datasheet HTML 124Page - Analog Devices ADE7978 Datasheet HTML 125Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 121 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 121 of 125
Table 56. MMODE Register (Address 0xE700)
Bits
Bit Name
Default Value
Description
0
REVAPSEL
0
This bit specifies whether the total active power or the fundamental active power on
Phase A, Phase B, or Phase C is used to trigger a bit in the STATUS0 register. Phase A triggers
Bit 6 (REVAPA), Phase B triggers Bit 7 (REVAPB), and Phase C triggers Bit 8 (REVAPC).
0: The total active power is used to trigger the bits in the STATUS0 register.
1: The fundamental active power is used to trigger the bits in the STATUS0 register.
1
REVRPSEL
0
This bit specifies whether the total reactive power or the fundamental reactive power on
Phase A, Phase B, or Phase C is used to trigger a bit in the STATUS0 register. Phase A triggers
Bit 10 (REVRPA), Phase B triggers Bit 11 (REVRPB), and Phase C triggers Bit 12 (REVRPC).
0: The total reactive power is used to trigger the bits in the STATUS0 register.
1: The fundamental reactive power is used to trigger the bits in the STATUS0 register.
2
PEAKSEL[0]
1
0: Phase A is not included in the voltage and current peak detection.
1: Phase A is included in the voltage and current peak detection.
3
PEAKSEL[1]
1
0: Phase B is not included in the voltage and current peak detection.
1: Phase B is included in the voltage and current peak detection.
4
PEAKSEL[2]
1
0: Phase C is not included in the voltage and current peak detection.
1: Phase C is included in the voltage and current peak detection.
[7:5]
Reserved
000
Reserved. These bits do not manage any functionality.
Table 57. ACCMODE Register (Address 0xE701)
Bits
Bit Name
Default Value
Description
[1:0]
WATTACC[1:0]
00
These bits determine how the active power is accumulated in the watthour registers and
how the CFx frequency output is generated as a function of the total and fundamental
active powers.
00: signed accumulation mode of the total and fundamental active powers. The active
energy registers and the CFx pulses are generated in the same way.
01: positive only accumulation mode of the total and fundamental active powers. The total
and fundamental active energy registers are accumulated in positive only mode, but the
CFx pulses are generated in signed accumulation mode.
10: reserved (same as WATTACC[1:0] = 00).
11: absolute accumulation mode of the total and fundamental active powers. The total and
fundamental active energy registers and the CFx pulses are generated in the same way.
[3:2]
VARACC[1:0]
00
These bits determine how the reactive power is accumulated in the var-hour registers and
how the CFx frequency output is generated as a function of the total and fundamental
active and reactive powers.
00: signed accumulation mode of the total and fundamental reactive powers. The reactive
energy registers and the CFx pulses are generated in the same way.
01: reserved (same as VARACC[1:0] = 00).
10: the total and fundamental reactive powers are accumulated depending on the sign of
the total and fundamental active powers. If the active power is positive, the reactive power
is accumulated as is; if the active power is negative, the reactive power is accumulated with a
reversed sign. The total and fundamental reactive energy registers and the CFx pulses are
generated in the same way.
11: absolute accumulation mode of the total and fundamental reactive powers. The total and
fundamental reactive energy registers and the CFx pulses are generated in the same way.
[5:4]
CONSEL[1:0]
00
These bits select the inputs to the energy accumulation registers. IA’, IB’, and IC’ are IA, IB,
and IC shifted by −90° (see Table 58).
00: 3-phase, 4-wire with three voltage sensors.
01: 3-phase, 3-wire delta connection.
10: reserved.
11: 3-phase, 4-wire delta connection.
6
SAGCFG
0
This bit manages how the sag flag status bit in the STATUS1 register is generated.
0: the flag is set to 1 when any phase voltage is below the SAGLVL threshold.
1: the flag is set to 1 when any phase voltage goes below and then above the SAGLVL
threshold.
7
Reserved
1
Reserved. This bit does not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com