Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 25 of 30
IF B and IF A Counters
The IF A and IF B counters, in conjunction with the dual-
modulus prescaler, make it possible to generate output
frequencies that are spaced only by the reference frequency
(REFIN) divided by R. The equation for the IFOUT VCO
frequency is given in Equation 2.
IF R DIVIDER REGISTER (ADDRESS R5)
With Bits[2:0] of R5 set to 101, the on-chip IF R divider register
is programmed. Figure 40 shows the input data format for
programming this register.
IF REFIN Doubler
Setting this bit to 0 feeds the REFIN signal directly to the 15-bit
IF R counter. Setting this bit to 1 multiplies the REFIN frequency
by a factor of 2 before feeding into the 15-bit IF R counter.
15-Bit IF R Counter
The 15-bit IF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the IF phase frequency detector (PFD). Division ratios from 1
to 32,767 are allowed.
IF CONTROL REGISTER (ADDRESS R6)
With Bits[2:0] of R6 set to 110, the on-chip IF control register
is programmed. Figure 41 shows the input data format for
programming this register. Upon initialization, DB15 to DB11
must all be set to 0.
IF Counter Reset
DB3 is the IF counter reset bit for the ADF4252. When this bit
is 1, the IF synthesizer counters are held in reset. For normal
operation, this bit must be 0.
IF Charge Pump Three-State
This bit puts the IF charge pump into three-state mode when
programmed to a 1. It must be set to 0 for normal operation.
IF Power-Down
DB5 on the ADF4252 provides the programmable power-down
mode. Setting this bit to a 1 performs a power-down on the IF
section. Setting this bit to 0 returns the section to normal
operation. While in software power-down, the device retains all
information in its registers. Only when supplies are removed are
the register contents lost.
When a power-down is activated, the following events occur:
1.
All active IF dc current paths are removed.
2.
The IF synthesizer counters are forced to their load state
conditions.
3.
The IF charge pump is forced into three-state mode.
4.
The IF digital lock detect circuitry is reset.
5.
The IFIN input is debiased.
6.
The input register remains active and capable of loading
and latching data.
IF Phase Detector Polarity
DB7 in the ADF4252 sets the IF phase detector polarity. When
the VCO characteristics are positive, this bit must be set to 1.
When VCO characteristics are negative, this bit must be set to 0.
IF Charge Pump Current Setting
DB8, DB9, and DB10 set the IF charge pump current setting.
These bits must be set to whatever charge pump current the
loop filter has been designed with (see Figure 39).
IF Test Modes
These bits must be set to 00 for normal operation.
RF Phase Resync
Setting the phase resync bits (Bit 15, Bit 14, Bit 11) to 111 enables
the phase resync feature. With a fractional modulus of M, a
fractional-N PLL can settle with any one of (2 × π)/M valid phase
offsets with respect to the reference input. This is different than
integer-N (where the RF output always settles to the same static
phase offset with respect to the input reference, which is zero
ideally) but does not matter in most applications where all that
is required is consistent frequency lock.
For applications where a consistent phase relationship between
the output and reference is required (that is, digital beamforming),
the ADF4252 fractional-N synthesizer can be used with the phase
resync feature enabled. This ensures that if the user programs the
PLL to jump from Frequency (and Phase) A to Frequency (and
Phase) B and back again to Frequency A, the PLL returns to the
original phase (Phase A).
When enabled, phase resync activates every time the user
programs the R0 or R1 register to set a new output frequency.
However, if a cycle slip occurs in the settling transient after the
phase re-resync operation, the phase resync is lost. This can be
avoided by delaying the resync activation until the locking
transient is close to its final frequency. In the IF R divider
register, Bits[17:3] of R5 are used to set a time interval from
when the new channel is programmed to the time the resync is
activated. Although the time interval resolution available from
the 15-bit IF R register is one REFIN clock cycle, IF R must be
programmed to be a value that is an integer multiple of the
programmed MOD value to set a time interval that is at least as
long as the lock time of the RF PLL loop.
For example, if REFIN = 26 MHz, MOD = 130 to give 200 kHz
output steps (fRES), and the RF loop has a settling time of 150 μs,
then IF_R must be programmed to 3900, as follows:
26 MHz × 150 μs = 3900
Note that if it is required to use the IF synthesizer with phase
resync enabled on the RF synth, the IF synth must operate with
a PFD frequency of 26 MHz/3900.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com