Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADF4252BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 5 of 30
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLIES
VDD1, VDD2, VDD3
2.7
3.3
V
DVDD
VDD1
V
VP1, VP2
VDD1
5.5
V
IDD3
RF + IF
13
16
mA
RF Only
10
13
mA
IF Only
4
5.5
mA
Power-Down Mode
1
μA
RF NOISE AND SPURIOUS CHARACTERISTICS
Noise Floor
−141
dBc/Hz
At 20 MHz PFD frequency
In-Band Phase Noise Performance4
At VCO output
Lowest Spur Mode
−90
dBc/Hz
RFOUT = 1.8 GHz, PFD = 20 MHz
Low Noise and Spur Mode
−95
dBc/Hz
RFOUT = 1.8 GHz, PFD = 20 MHz
Lowest Noise Mode
−103
dBc/Hz
RFOUT = 1.8 GHz, PFD = 20 MHz
Spurious Signals
See the Typical Performance
Characteristics section
1 Operating temperature range = −40°C to +85°C.
2 Use a square wave for frequencies less than fMIN.
3 RF = 1 GHz, RF PFD = 10 MHz, MOD = 4095, IF = 500 MHz, IF PFD = 200 kHz, REF = 10 MHz, VDD = 3 V, VP1 = 5 V, and VP2 = 3 V.
4 The in-band phase noise is measured with the EVAL-ADF4252EB2 evaluation board and the HP5500E phase noise test system. The spectrum analyzer provides the
REFIN for the synthesizer (fREFOUT = 10 MHz at 0 dBm). fOUT = 1.74 GHz, fREF = 20 MHz, N = 87, MOD = 100, Channel Spacing = 200 kHz, VDD = 3.3 V, and VP = 5 V.
TIMING CHARACTERISTICS
VDD1 = VDD2 = VDD3 = DVDD = 3 V ± 10%, DVDD < VP1, VP2 < 5.5 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter1
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
10
ns min
LE setup time
t2
10
ns min
DATA to CLOCK setup time
t3
10
ns min
DATA to CLOCK hold time
t4
25
ns min
CLOCK high duration
t5
25
ns min
CLOCK low duration
t6
10
ns min
CLOCK to LE setup time
t7
20
ns min
LE pulse width
1 Guaranteed by design, but not production tested.
CLOCK
DATA
LE
LE
t4
t2
t3
t5
t7
t6
DB22
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
DB23 (MSB)
t1
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com