Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 7 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
18 CPGND2
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO AGND.
17 DVDD
16 IFINA
15 IFINB
14 AGND2
13 RSET
CPRF 1
CPGND1 2
RFINA 3
RFINB 4
AGND1 5
MUXOUT 6
ADF4252
TOP VIEW
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
CPRF
RF Charge Pump Output. This pin is normally connected to a loop filter that drives the input to an external VCO.
2
CPGND1
RF Charge Pump Ground.
3
RFINA
Input to the RF Prescaler. This small signal input is normally taken from the VCO.
4
RFINB
Complementary Input to the RF Prescaler.
5
AGND1
Analog Ground for the RF Synthesizer.
6
MUXOUT
This multiplexer output allows either the RF or IF lock detect, the scaled RF or IF, or the scaled reference frequency
to be accessed externally.
7
REFIN
Reference Input. This pin is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resistance of
100 kΩ. This input can be driven from a TTL or CMOS crystal oscillator.
8
REFOUT
Reference Output.
9
DGND
Digital Ground for the Fractional Interpolator.
10
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the shift
register on the CLK rising edge. This input is a high impedance CMOS input.
11
DATA
Serial Data Input. The serial data is loaded MSB first with the three LSBs being the control bits. This input is a high
impedance CMOS input.
12
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the seven
latches, the latch being selected using the control bits.
13
RSET
Connecting a resistor between this pin and ground sets the minimum charge pump output current. The
relationship between ICP and RSET is ICP_MIN = 1.6875/RSET. Therefore, with RSET = 2.7 kΩ, ICP_MIN = 0.625 mA.
14
AGND2
Ground for the IF Synthesizer.
15
IFINB
Complementary Input to the IF Prescaler.
16
IFINA
Input to the IF Prescaler. This small signal input is normally taken from the IF VCO.
17
DVDD
Positive Power Supply for the Fractional Interpolator Section. Decoupling capacitors to the ground plane must be
placed as close as possible to this pin. DVDD must have the same voltage as VDD1, VDD2, and VDD3.
18
CPGND2
IF Charge Pump Ground.
19
CPIF
IF Charge Pump Output. This pin is normally connected to a loop filter that drives the input to an external VCO.
20
VP2
IF Charge Pump Power Supply. Decoupling capacitors to the ground plane must be placed as close as possible to
this pin. This voltage must be greater than or equal to VDD2.
21
VDD2
Positive Power Supply for the IF Section. Decoupling capacitors to the ground plane must be placed as close as
possible to this pin. VDD2 has a value 3 V ± 10%. VDD2 must have the same voltage as VDD1, VDD3, and DVDD.
22
VDD3
Positive Power Supply for the RF Digital Section. Decoupling capacitors to the ground plane must be placed as
close as possible to this pin. VDD3 has a value 3 V ± 10%. VDD3 must have the same voltage as VDD1, VDD2, and DVDD.
23
VDD1
Positive Power Supply for the RF Analog Section. Decoupling capacitors to the ground plane must be placed as
close as possible to this pin. VDD1 has a value 3 V ± 10%. VDD1 must have the same voltage as VDD2, VDD3, and DVDD.
24
VP1
RF Charge Pump Power Supply. Decoupling capacitors to the ground plane must be placed as close as possible to
this pin. This voltage must be greater than or equal to VDD1.
EPAD
Exposed Pad. The exposed pad must be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com