Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 28 of 30
INTERFACING
The ADF4252 has a simple SPI-compatible serial interface for
writing to the device. SCLK, SDATA, and LE control the data
transfer. When LE (latch enable) goes high, the 24 bits that were
clocked into the input register on each rising edge of SCLK are
transferred to the appropriate latch. See Figure 2 for the timing
diagram and Table 5 for the control bit truth table.
The maximum allowable serial clock rate is 20 MHz, which
means that the maximum update rate possible for the device is
833 kHz or one update every 1.2 μs. This is more than adequate
for systems that have typical lock times in hundreds of
microseconds.
ADuC812 INTERFACE
Figure 42 shows the interface between the ADF4252 and the
ADuC812 microconverter. Because the ADuC812 is based on
an 8051 core, this interface can be used with any 8051-based
microcontroller. The microconverter is set up for SPI master
mode with CPHA = 0. To initiate the operation, the
input/output port driving LE is brought low. Each latch of the
ADF4252 needs (at most) a 24-bit word. This is accomplished
by writing three 8-bit bytes from the microconverter to the
device. When the third byte has been written, the LE input must
be brought high to complete the transfer.
The input/output port lines on the ADuC812 are also used to
control power-down (CE input) and to detect lock (MUXOUT
configured as lock detect and polled by the port input).
When operating in the mode described, the maximum SCLOCK
rate of the ADuC812 is 4 MHz. This means that the maximum
rate at which the output frequency can be changed is 166 kHz.
ADuC812
ADF4252
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLOCK
MOSI
I/O PORTS
Figure 42. ADuC812 to ADF4252 Interface
ADSP-2181 INTERFACE
Figure 43 shows the interface between the ADF4252 and the
ADSP-2181 digital signal processor. Each latch of the ADF4252
needs (at most) a 24-bit word. The easiest way to accomplish
this using the ADSP-2181 is to use the autobuffered transmit
mode of operation with alternate framing. This provides a
means for transmitting an entire block of serial data before an
interrupt is generated. Set up the word length for eight bits and
use three memory locations for each 24-bit word. To program
each 24-bit latch, store the three 8-bit bytes, enable the
autobuffered mode, and then write to the transmit register of
the DSP. This last operation initiates the autobuffer transfer.
ADSP-2181
ADF4252
SCLK
SDATA
LE
CE
MUXOUT
(LOCK DETECT)
SCLK
DT
I/O FLAGS
TFS
Figure 43. ADSP-2181 to ADF4252 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com