Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADF4252BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 4 of 30
SPECIFICATIONS
VDD1 = VDD2 = VDD3 = DVDD = 3 V ± 10%, DVDD < VP1, VP2 < 5.5 V, GND = 0 V, RSET = 2.7 kΩ, dBm referred to 50 Ω, TA = TMIN to TMAX,
unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFINA, RFINB)2
0.25
3.0
GHz
RF Input Sensitivity
−10
0
dBm
RF Input Frequency (RFINA, RFINB)2
0.1
3.0
GHz
Input level = −8 dBm minimum,
0 dBm maximum
RF Phase Detector Frequency
30
MHz
Guaranteed by design
Allowable Prescaler Output Frequency
375
MHz
IF CHARACTERISTICS
IF Input Frequency (IFINA, IFINB)2
50
1200
MHz
IF Input Sensitivity
−10
0
dBm
IF Phase Detector Frequency
55
MHz
Guaranteed by design
Allowable Prescaler Output Frequency
150
MHz
REFERENCE CHARACTERISTICS
REFIN Input Frequency
250
MHz
For f < 10 MHz, use dc-coupled
square wave (0 V to VDD)
REFIN Input Sensitivity
0.5
VDD1
V p-p
AC-coupled; when dc-coupled, use
0 V to VDD max (CMOS-compatible)
REFIN Input Current
±100
μA
REFIN Input Capacitance
10
pF
CHARGE PUMP
RF ICP Sink/Source
See Figure 37
High Value
4.375
mA
Low Value
625
μA
IF ICP Sink/Source
See Figure 41
High Value
5
mA
Low Value
625
μA
ICP Three-State Leakage Current
1
nA
RF Sink and Source Current Matching
2
%
0.5 V < VCP < VP − 0.5
RSET Range
1.5
2.7
5.6
See Figure 37
IF Sink and Source Current Matching
2
%
ICP vs. VCP
2
%
0.5 V < VCP < VP − 0.5
ICP vs. Temperature
2
%
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
1.35
V
VINL, Input Low Voltage
0.6
V
IINH/IINL, Input Current
±1
μA
CIN Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
VDD − 0.4
V
IOH = 0.2 mA
VOL, Output Low Voltage
0.4
V
IOL = 0.2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com