Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 8 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4 to Figure 15 attained using the EVAL-ADF4252EB1 evaluation board; measurements from HP8562E spectrum analyzer.
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
– 99.19dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
Figure 4. Phase Noise Plot, Lowest Noise Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–90.36dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
Figure 5. Phase Noise Plot, Low Noise and Spur Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution
FREQUENCY
0
–60
–2kHz
–1kHz
1.7518GHz
1kHz
2kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
–85.86dBc/Hz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 10Hz
REFERENCE
LEVEL = – 4.2dBm
Figure 6. Phase Noise Plot, Lowest Spur Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution
FREQUENCY
0
–60
–10
–50
–70
–90
–30
–40
–80
–20
–100
–50dBc@
100kHz
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
Figure 7. Spurious Plot, Lowest Noise Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–51dBc@
100kHz
Figure 8. Spurious Plot, Low Noise and Spur Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution
FREQUENCY
0
–60
–400kHz
–200kHz
1.7518GHz
200kHz
400kHz
–10
–50
–70
–90
–30
–40
–80
–20
–100
VDD = 3V, VP = 5V
ICP = 1.875mA
PFD FREQUENCY = 10MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
FRACTION = 59/100
RBW = 1kHz
REFERENCE
LEVEL = – 4.2dBm
–72dBc@
100kHz
Figure 9. Spurious Plot, Lowest Spur Mode, 1.7518 GHz RFOUT,
10 MHz PFD Frequency, 200 kHz Channel Step Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com