Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 27 of 30
One possible setup is feeding the 13 MHz directly to the PFD
and programming the modulus to divide by 65. This results in
the required 200 kHz resolution.
Another possible setup is using the reference doubler to create
26 MHz from the 13 MHz input signal. This 26 MHz is then fed
into the PFD. The modulus is now programmed to divide by 130,
which also results in 200 kHz resolution. This offers superior
phase noise performance over the previous setup.
The programmable modulus is also very useful for multistandard
applications. If a dual-mode phone requires PDC and GSM1800
standards, the programmable modulus is a huge benefit. PDC
requires 25 kHz channel step resolution, whereas GSM1800
requires 200 kHz channel step resolution. A 13 MHz reference
signal can be fed directly to the PFD. The modulus is then
programmed to 520 when in PDC mode (13 MHz/520 = 25 kHz).
The modulus would be reprogrammed to 65 for GSM1800
operation (13 MHz/65 = 200 kHz). It is important that the PFD
frequency remains constant (13 MHz). This allows the user to
design one loop filter that can be used in both setups without
any stability issues. It is the ratio of the RF frequency to the PFD
frequency that affects the loop design. Keeping this relationship
constant, and instead changing the modulus factor, results in a
stable filter.
SPURIOUS OPTIMIZATION AND FASTLOCK
As mentioned in the Noise and Spur Setting section, the device
can be optimized for spurious performance. However, in fast
locking applications, the loop bandwidth needs to be wide.
Therefore, the filter does not provide much attenuation of the
spurious outputs. The programmable charge pump can be used
to avoid this issue. The filter is designed for a narrow-loop
bandwidth so that steady-state spurious specifications are met.
This is designed using the lowest charge pump current setting.
To implement fast lock during a frequency jump, the charge
pump current is set to the maximum setting for the duration of
the jump. This has the effect of widening the loop bandwidth,
which improves lock time. When the PLL has locked to the new
frequency, the charge pump is again programmed to the lowest
charge pump current setting. This narrows the loop bandwidth
to its original cutoff frequency to allow better attenuation of the
spurious outputs than the wide-loop bandwidth.
SPURIOUS SIGNALS—PREDICTING WHERE THEY
APPEAR
Just as in integer-N PLLs, spurs appear at PFD frequency offsets
on either side of the carrier (and multiples of the PFD frequency).
In a fractional-N PLL, spurs also appear at frequencies equal to
the RFOUT channel step resolution (fRES). The ADF4252 uses a
high-order fractional interpolator engine, which results in spurs
also appearing at frequencies equal to half of the channel step
resolution. For example, examine the GSM1800 setup with a
26 MHz PFD and 200 kHz resolution. Spurs appear at ±26 MHz
from the RF carrier (at an extremely low level due to filtering).
Also, there are spurs at ±200 kHz from the RF carrier. Due to
the fractional interpolator architecture used in the ADF4252,
spurs also appear at ±100 kHz from the RF carrier. Harmonics
of all spurs mentioned also appear. With the lowest spur setting
enabled, the spurs are attenuated into the noise floor.
PRESCALER
The prescaler limits the INT value. With P = 4/5, NMIN = 31.
With P = 8/9, NMIN = 91.
The prescaler can also influence the phase noise performance. If
INT < 91, use a prescaler of 4/5. For applications where INT > 91,
use P = 8/9 for optimum noise performance.
FILTER DESIGN—ADISIMPLL
A filter design and analysis program is available to help users
implement their PLL design. Visit www.analog.com/ADIsimPLL
for a free download of the ADIsimPLL™ software. The software
designs, simulates, and analyzes the entire PLL frequency domain
and time domain response. Various passive and active filter
architectures are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com