Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 15 of 30
REGISTER MAPS
RF CONTROL REGISTER
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
P13
A6
6-BIT IF A COUNTER
12-BIT IF B COUNTER
IF
PRESCALER
P14
P15
C3 (1)
C2 (0) C1 (1)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R15
P16
15-BIT IF R COUNTER
C3 (1)
R14
RF N DIVIDER REGISTER
IF R DIVIDER REGISTER
RF R DIVIDER REGISTER
M1
M2
M3
M4
M5
M6
M7
M8
M9
M10
M11
M12
R1
R3
R4
P2
P3
12-BIT INTERPOLATOR MODULUS VALUE (MOD)
C3 (0)
4-BIT RF R COUNTER
R2
IF N DIVIDER REGISTER
IF CONTROL REGISTER
P9
P10
P11
P12
M1
M2
M3
M4
MUXOUT
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
C2 (0) C1 (1)
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
N1
N3
N4
N5
N6
CONTROL
BITS
12-BIT RF FRACTIONAL VALUE (FRAC)
DB23
DB21
N7
N8
P1
C3 (0)
8-BIT RF INTEGER VALUE (INT)
N2
P4
P5
P6
N1
P8
CP1
CP2
N2
T1
T2
T3
N3
RESERVED
C2 (1) C1 (0)
P17
P18
P19
P20
P21
CP1
CP2
CP3
PR1
T7
T8
PR2
PR3
IF CP CURRENT
SETTING
C3 (1)
RESERVED
RF PHASE
RESYNC
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
CONTROL
BITS
DB22
DB15
DB14 DB13
DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1) C1 (0)
C3 (0)
C2 (1) C1 (1)
C2 (0) C1 (0)
C3 (0)
0
RF CP
CURRENT
SETTING
MASTER REGISTER
DB20 DB19 DB18 DB17 DB16
DB15 DB14 DB13 DB12 DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB23
DB21
DB22
DB18
DB17 DB16 DB15 DB14
DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB15 DB14
DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Figure 34. Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com