Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 6 of 30
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter1
Rating
VDD1, VDD2, VDD3, DVDD to GND2
−0.3 V to +4 V
REFIN, RFINA, RFINB to GND
−0.3 V to VDD + 0.3 V
RFINA to RFINB
±600 mV
VP1, VP2 to GND
−0.3 V to +5.8 V
VP1, VP2 to VDD1
−3.3 V to +3.5 V
Digital Input/Output Voltage to GND
−0.3 V to VDD + 0.3 V
Analog Input/Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
LFCSP θJA Thermal Impedance
122°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
1 This device is a high performance RF integrated circuit with an ESD rating of
<2 kΩ, and it is ESD sensitive. Proper precautions must be taken for handling
and assembly.
2 GND is CPGND1, AGND1, DGND, AGND2, and CPGND2.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com