Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 29 of 30
PCB DESIGN GUIDELINES FOR CHIP SCALE PACKAGE
The leads on the chip scale package (CP-24-10) are rectangular.
The printed circuit board pad for these must be 0.1 mm longer
than the package land length and 0.05 mm wider than the
package land width. The land must be centered on the pad. This
ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board must be at least as
large as this exposed pad. On the printed circuit board, there
must be a clearance of at least 0.25 mm between the thermal
pad and the inner edges of the pad pattern. This ensures that
shorting is avoided.
Thermal vias can be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they must be incorporated in the thermal pad at 1.2 mm
pitch grid. The via diameter must be between 0.3 mm and
0.33 mm, and the via barrel must be plated with 1 oz copper to
plug the via.
The user must connect the printed circuit board to AGND.
IFOUT
J6
C15
100pF
R12
18Ω
R13
18Ω
C16
100pF
VCO2
RFOUT
VCC
VIN
10
14
2
C4
10pF
6.3V
R48
0Ω
R44
0Ω
VVCO
R17
13kΩ
C20
82pF
C19
2.2nF
C18
270pF
R16
7.5kΩ
R15
51Ω
C17
100pF
R14
18Ω
C10
10pF
C9
22µF
C3
22µF
6.3V
VP
C6
10pF
C5
22µF
6.3V
C8
10pF
C7
22µF
6.3V
VP2
CPIF
IFINA
R43
0Ω
R1
20Ω
VDD’
VDD
RFOUT
J7
C27
100pF
R22
18Ω
R21
18Ω
C26
100pF
VCO1
RFOUT
VCC
VIN
10
14
2
C30
10pF
C29
22µF
6.3V
R49
0Ω
VVCO
R20
470Ω
C25
3.3nF
C24
100nF
C23
10nF
R19
270Ω
R24
51Ω
C28
100pF
R23
18Ω
C12
10pF
C11
22µF
6.3V
VP
VP1
CPRF
RFINA
C44
100pF
CPGND1
RFINB
AGND1
DGND
AGND2
CPGND2
MUXOUT
R27
10kΩ
T16
R28
10kΩ
R29
10kΩ
D4
VDD
CLK
C43
100pF
R27
2.7kΩ
DATA
LE
T14
R39
0Ω
R26
1kΩ
R4
1MΩ
R11
51Ω
Y2
10MHz
C31
33pF
C32
33pF
C14
1nF
C13
1nF
REFIN
J5
T13
R47
0Ω
Y3
B+
O/P
4
3
2
GND
C45
10pF
C46
22µF
R46
0Ω
R45
0Ω
3V
5V
U1
ADF4252BCP
REFOUT
J8
R38
0Ω
U6
1
2
4
VCC
R35
0Ω
R34
0Ω
5V
3V
VCO190–540T
VCO190–1730T
Figure 44. Typical PLL Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com