Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 24 of 30
RF Charge Pump Three-State
This bit puts the charge pump into three-state mode when
programmed to a 1. It must be set to 0 for normal operation.
RF Power-Down
DB5 on the ADF4252 provides the programmable power-down
mode. Setting this bit to a 1 performs a power-down on both
the RF and IF sections. Setting this bit to 0 returns the RF and
IF sections to normal operation. While in software power-
down, the device retains all information in its registers. Only
when supplies are removed are the register contents lost.
When a power-down is activated, the following events occur:
1.
All active RF dc current paths are removed.
2.
The RF synthesizer counters are forced to their load state
conditions.
3.
The RF charge pump is forced into three-state mode.
4.
The RF digital lock detect circuitry is reset.
5.
The RFIN input is debiased.
6.
The input register remains active and capable of loading
and latching data.
RF Phase Detector Polarity
DB7 on the ADF4252 sets the RF phase detector polarity. When
the VCO characteristics are positive, this bit must be set to 1.
When VCO characteristics are negative, this bit must be set to 0.
RF Charge Pump Current Setting
DB9 and DB10 set the RF charge pump current setting. This
must be set to whatever charge pump current the loop filter has
been designed with (see Figure 37).
RF Test Modes
These bits must be set to 000 for normal operation.
MASTER REGISTER (ADDRESS R3)
With Bits[2:0] of R3 set to 011, the on-chip master register
is programmed. Figure 38 shows the input data format for
programming the master register.
RF and IF Counter Reset
DB3 is the counter reset bit for the ADF4252. When this bit is 1,
both the RF and IF R, INT, and MOD counters are held in reset.
For normal operation, this bit must be 0. Upon power-up, the
DB3 bit must be disabled, and the INT counter resumes counting
in close alignment with the R counter (the maximum error is
one prescaler cycle).
Charge Pump Three-State
This bit puts both the RF and IF charge pump into three-state
mode when programmed to a 1. It must be set to 0 for normal
operation.
Power-Down
Bit 3 of R3 on the ADF4252 provides the programmable power-
down mode. Setting this bit to a 1 performs a power-down on
both the RF and IF sections. Setting this bit to 0 returns the RF
and IF sections to normal operation. While in software power-
down, the device retains all information in its registers. Only
when supplies are removed are the register contents lost.
When a power-down is activated, the following events occur:
1.
All active dc current paths are removed.
2.
The RF and IF counters are forced to their load state
conditions.
3.
The RF and IF charge pumps are forced into three-state mode.
4.
The digital lock detect circuitry is reset.
5.
The RFIN input and IFIN input are debiased.
6.
The oscillator input buffer circuitry is disabled.
7.
The input register remains active and capable of loading
and latching data.
XO Disable
Setting this bit to 1 disables the REFOUT circuitry. This is set to 1
when using an external TCXO, VCXO, or other reference
sources. This is set to 0 when using the REFIN and REFOUT pins
to form an oscillator circuit.
MUXOUT Control
The on-chip multiplexer is controlled by Bits[10: 7] of R3 on the
ADF4252. Figure 38 shows the truth table.
If the user updates the RF control register or the IF control
register, the MUXOUT contents are lost. To retrieve the
MUXOUT signal, the user must write to the master register.
Lock Detect
The digital lock detect output goes high if there are 40 successive
PFD cycles with an input error of less than 15 ns. It stays high
until a new channel is programmed or until the error at the
PFD input exceeds 30 ns for one or more cycles. If the loop
bandwidth is narrow compared to the PFD frequency, the error
at the PFD inputs may drop below 15 ns for 40 cycles around a
cycle slip; therefore, the digital lock detect may go falsely high
for a short period until the error again exceeds 30 ns. In this case,
the digital lock detect is reliable only as a loss of lock indicator.
IF N DIVIDER REGISTER (ADDRESS R4)
With Bits[2:0] of R4 set to 100, the on-chip IF N divider register
is programmed. Figure 39 shows the input data format for
programming this register.
IF CP Gain
When set to 1, this bit changes the IF charge pump current
setting to its maximum value. When the bit is set to 0, the
charge pump current reverts back to its previous state.
IF Prescaler
The dual-modulus prescaler (P/P + 1), along with the IF A and
IF B counters, determine the overall division ratio, N, to be
realized (N = PB + A) from the IFIN to the IF PFD input.
Operating at CML levels, the prescaler takes the clock from the
IF input stage and divides it down to a manageable frequency
for the CMOS counters. It is based on a synchronous 4/5 core.
See Equation 2 and Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com