Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADF4252
Rev. E | Page 23 of 30
REGISTER DESCRIPTIONS
RF N DIVIDER REGISTER (ADDRESS R0)
With Bits[2:0] of R0 set to 000, the on-chip RF N divider register
is programmed. Figure 35 shows the input data format for
programming this register.
8-Bit RF INT Value
These eight bits control what is loaded as the INT value. INT is
used to determine the overall feedback division factor. It is used
in Equation 1.
12-Bit RF FRAC Value
These 12 bits control what is loaded as the FRAC value into the
fractional interpolator. FRAC is part of what determines the
overall feedback division factor. It is used in Equation 1. The
FRAC value must be less than or equal to the value loaded into
the MOD register.
RF R DIVIDER REGISTER (ADDRESS R1)
With Bits[2:0] of R1 set to 001, the on-chip RF R divider register
is programmed. Figure 36 shows the input data format for
programming this register.
RF Prescaler (P/P + 1)
The RF dual-modulus prescaler (P/P +1), along with the INT,
FRAC, and MOD counters, determine the overall division ratio
from the RFIN to the PFD input. Operating at CML levels, the
prescaler takes the clock from the RF input stage and divides it
down to a manageable frequency for the CMOS counters. The
prescaler is based on a synchronous 4/5 core (see Figure 36).
RF REFIN Doubler
Setting this bit to 0 feeds the REFIN signal directly to the 4-bit RF
R counter, disabling the doubler. Setting this bit to 1 multiplies
the REFIN frequency by a factor of 2 before feeding into the 4-bit
RF R counter. When the doubler is disabled, the REFIN falling
edge is the active edge at the PFD input to the fractional-N
synthesizer. When the doubler is enabled, both the rising and
falling edges of REFIN become active edges at the PFD input.
When the doubler is enabled and lowest spur mode is chosen,
the in-band phase noise performance is sensitive to the REFIN
duty cycle. The phase noise degradation can be as much as 5 dB
for REFIN duty cycles outside a 45% to 55% range. The phase
noise is insensitive to REFIN duty cycle in the lowest noise mode
and in low noise and spur mode. The phase noise is insensitive
to the REFIN duty cycle when the doubler is disabled.
4-Bit RF R Counter
The 4-bit RF R counter allows the input reference frequency
(REFIN) to be divided down to produce the reference clock to
the phase frequency detector (PFD). Division ratios from 1 to
15 are allowed.
12-Bit Interpolator Modulus
This programmable register sets the fractional modulus. The
fractional modulus is the ratio of the PFD frequency to the
channel step resolution on the RF output.
RF CONTROL REGISTER (ADDRESS R2)
With Bits[2:0] of R2 set to 010, the on-chip RF control register
is programmed. Figure 37 shows the input data format for
programming this register. Upon initialization, DB15 to DB11
must all be set to 0.
Noise and Spur Setting
The noise and spur setting (Bit 15, Bit 11, and Bit 06 of R2) is a
feature that allows the user to optimize his or her design either
for improved spurious performance or for improved phase
noise performance. When set to 000, the lowest spurs setting is
chosen. In this setting, dither is enabled. This randomizes the
fractional quantization noise so that it looks more like white
noise than spurious noise, which means that the device is
optimized for improved spurious performance. This operation
is normally used when the PLL closed-loop bandwidth is wide
for fast locking applications. A wide-loop filter does not attenuate
the spurs to a level that a narrow-loop bandwidth does. When
these bits are set to 001, the low noise and spur setting is enabled.
In this setting, dither is disabled. This optimizes the synthesizer
to operate with improved noise performance. However, the
spurious performance is degraded in this mode compared to
the lowest spurs setting. To improve noise performance even
further, another option is available that reduces the phase noise.
This is the lowest noise setting: 111. As well as disabling the
dither, it also ensures that the charge pump is operating in an
optimum region for noise performance. This setting is extremely
useful where a narrow-loop filter bandwidth is available. The
synthesizer ensures extremely low noise, and the filter attenuates
the spurs. The Typical Performance Characteristics section
gives the user an idea of the trade-off in a typical WCDMA
setup for the different noise and spur settings.
RF Counter Reset
DB3 is the RF counter reset bit for the ADF4252. When this bit
is 1, the RF synthesizer counters are held in reset. For normal
operation, this bit must be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com