Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 10 of 30
For Figure 16 to Figure 21, across all fractional channel steps from f = 0/130 to f = 129/130, RFOUT = 1.45 GHz, INT = 55, REFIN = 26 MHz,
and loop bandwidth = 40 kHz. Plots attained using the EVAL-ADF4252EB2 evaluation board.
FREQUENCY (GHz)
–70
–120
0
6
4
.
1
0
3
4
.
1
1.435
1.440
1.445
1.450
1.455
–75
–90
–105
–110
–115
–80
–85
–95
–100
LOWEST SPUR MODE
LOW NOISE AND SPUR MODE
LOWEST NOISE MODE
Figure 16. In-Band Phase Noise vs. Frequency
FREQUENCY (GHz)
–10
–110
0
6
4
.
1
0
3
4
.
11.435
1.440
1.445
1.450
1.455
–20
–50
–80
–90
–100
–30
–40
–60
–70
LOWEST NOISE MODE
LOWEST SPUR MODE
Figure 17. 100 kHz Spur vs. Frequency
FREQUENCY (GHz)
–20
–120
0
6
4
.
1
0
3
4
.
11.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
Figure 18. 200 kHz Spur vs. Frequency
FREQUENCY (GHz)
–20
–120
0
6
4
.
1
0
3
4
.
1
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
Figure 19. 400 kHz Spur vs. Frequency
FREQUENCY (GHz)
–20
–120
0
6
4
.
1
0
3
4
.
1
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
Figure 20. 600 kHz Spur vs. Frequency
FREQUENCY (GHz)
–20
–120
0
6
4
.
1
0
3
4
.
1
1.435
1.440
1.445
1.450
1.455
–30
–60
–90
–100
–110
–40
–50
–70
–80
LOWEST NOISE MODE
LOWEST SPUR MODE
Figure 21. 3 MHz Spur vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com