Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4252BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADF4252BCPZ-R7
Description  Dual Fractional-N/Integer-N Frequency Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4252BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADF4252BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADF4252BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
ADF4252
Data Sheet
Rev. E | Page 14 of 30
IF PRESCALER (P/P + 1)
The dual modulus IF prescaler (P/P + 1), along with the IF A
and B counters, enables the large division ratio, N, to be realized
(N = PB + A). Operating at CML levels, the prescaler takes the
clock from the IF input stage and divides it down to a manageable
frequency for the CMOS IF A and B counters.
IF A AND B COUNTERS
The IF A and B CMOS counters combine with the dual modulus
IF prescaler to allow a wide ranging division ratio in the PLL
feedback counter. The counters are guaranteed to work when
the prescaler output is 150 MHz or less.
PULSE SWALLOW FUNCTION
The IF A and B counters, in conjunction with the dual modulus
IF prescaler, make it possible to generate output frequencies that
are spaced only by the reference frequency divided by R. See the
Device Programming after Initial Power-Up section for examples.
The equation for the IF VCO (IFOUT) frequency is
PFD
OUT
f
A
B
P
IF
]
)
[(
(3)
where:
IFOUT is the output frequency of the external VCO.
P is the preset modulus of IF dual modulus prescaler.
B is the preset divide ratio of the binary 12-bit counter (3 to 4095).
A is the preset divide ratio of the binary 6-bit swallow counter
(0 to 63).
fPFD is obtained using Equation 2.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 32 is a simplified schematic. The
antibacklash pulse ensures that there is no dead zone in the PFD
transfer function and minimizes phase noise and reference spurs.
+IN
D1
Q1
CLR1
U1
U3
DELAY
ELEMENT
HI
UP
D2
Q2
CLR2
U2
HI
DOWN
CHARGE
PUMP
CP
–IN
Figure 32. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4252 allows the user to access
various internal points on the chip. The state of MUXOUT is
controlled by M4, M3, M2, and M1 in the master register. Table 5
shows the full truth table. Figure 33 shows the MUXOUT section
in block diagram format.
LOGIC LOW
IF ANALOG LOCK DETECT
IF R DIVIDER OUTPUT
IF N DIVIDER OUTPUT
RF ANALOG LOCK DETECT
IF/RF ANALOG LOCK DETECT
IF DIGITAL LOCK DETECT
LOGIC HIGH
RF R DIVIDER OUTPUT
RF N DIVIDER OUTPUT
THREE-STATE OUTPUT
RF DIGITAL LOCK DETECT
RF/IF DIGITAL LOCK DETECT
LOGIC HIGH
LOGIC LOW
MUX
CONTROL
MUXOUT
DVDD
DGND
Figure 33. MUXOUT Circuit
LOCK DETECT
MUXOUT can be programmed for two types of lock detect:
digital and analog. Digital is active high. The N-channel open-
drain analog lock detect must be operated with an external pull-
up resistor of 10 kΩ nominal. When lock has been detected, this
output is high with narrow low going pulses.
INPUT SHIFT REGISTER
Data is clocked in on each rising edge of CLK. The data is clocked
in MSB first. Data is transferred from the input register to one
of seven latches on the rising edge of LE. The destination latch
is determined by the state of the three control bits (C2, C1, and
C0) in the shift register. These are the three LSBs: DB2, DB1, and
DB0, as shown in Figure 2. The truth table for these bits is shown in
Table 5. Figure 34 summarizes how the registers are programmed.
Table 5. Control Bit Truth Table
C2
C1
C0
Data Latch
0
0
0
RF N divider register
0
0
1
RF R divider register
0
1
0
RF control register
0
1
1
Master register
1
0
0
IF N divider register
1
0
1
IF R divider register
1
1
0
IF control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com