Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 39 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 35Page - Analog Devices ADFS5758 Datasheet HTML 36Page - Analog Devices ADFS5758 Datasheet HTML 37Page - Analog Devices ADFS5758 Datasheet HTML 38Page - Analog Devices ADFS5758 Datasheet HTML 39Page - Analog Devices ADFS5758 Datasheet HTML 40Page - Analog Devices ADFS5758 Datasheet HTML 41Page - Analog Devices ADFS5758 Datasheet HTML 42Page - Analog Devices ADFS5758 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 39 of 75
Bits[D31:D30] = 0b10 are used for synchronization purposes
during readback.
If autostatus readback mode is selected, the contents of the status
register is available on the SDO line during every SPI transaction.
This ability allows the user to continuously monitor the status
register and act quickly in the case of a fault. The ADFS5758
powers up with this feature disabled. When this feature is enabled,
the normal two-stage readback feature is not available. Only the
status register is available on SDO. To read back any other
register, disable the automatic readback feature first before
following the two-stage readback sequence. The automatic
status readback can be reenabled after the register is read back.
The shared SYNC autostatus readback is a special version of the
autostatus readback mode used to avoid SDO bus contention
when multiple devices are sharing the same SYNC line.
Echo mode behaves similarly to autostatus readback mode,
except that every second readback consists of an echo of the
previous command written to the ADFS5758 (see Figure 81).
See the Reading from Registers section for further details on the
readback modes.
PREVIOUS
COMMAND
STATUS
REGISTER
CONTENTS
PREVIOUS
COMMAND
Figure 81. SDO Contents, Echo Mode
WINDOWED WATCHDOG TIMER (WDT)
This watchdog timer feature is useful to ensure that communica-
tion has not been lost between the system controller and the
ADFS5758 and that the SPI datapath lines are functioning as
expected.
When enabled, the WDT alerts the system if the ADFS5758 does
not receive a specific SPI frame in the user-programmable timeout
period. A valid watchdog kick is a specific SPI frame received
within the pass window of the WDT. When the specific SPI
frame is received, the watchdog resets the timer controlling the
timeout alert. The SPI frame used to reset the WDT is
configurable as one of three choices:
•
A valid SPI write to any register.
•
A specific key code write to the key register (default).
•
Two specific consecutive key code writes to the key register.
As shown in Figure 82, the watchdog timer uses a center
threshold and a window width, where the width is a fraction of
the center threshold. For example, if the center threshold is set
to 100 ms and the window width set to 1/2, the valid region is
100 ms ± 25 ms. A WDT kick before 75 ms or after 125 ms is
registered as a fault. The windowing feature of the WDT can be
disabled by setting the window width to 1/1. In this scenario,
the user must simply kick the WDT any time before the center
threshold, eliminating the possibility of an early reset and thus
simplifying the operation of the WDT. For highest safety, the
window feature requires that the user write the correct key (or
two keys, if enabled) within the timeout window. If the signal
arrives before or after this timing window, the watchdog times
out and a dedicated WDT_STATUS bit in the status register alerts
the user that the WDT has timed out. The DIGITAL_DIAG_
RESULTS register can be read to clarify whether the WDT
timeout was due to a late or early kick. Note that, when a WDT
timeout occurs, all writes to the DAC_INPUT register as well as
hardware or software LDAC events are ignored until the active
WDT fault flag within the DIGITAL_DIAG_RESULTS register
is cleared. Once this flag has been cleared the WDT can be
restarted by performing a subsequent WDT kick command.
On power-up, the WDT is disabled by default. The default settings
of the center threshold and window width are 1 sec and 1/1,
respectively. The default method to kick the WDT is to write
one specific key and, upon timeout, the default action is to set
the relevant flag bits and the FAULT pin. See Table 41 for
specific register bit details to support the configurability of the
WDT operation.
USER DIGITAL OFFSET AND GAIN CONTROL
The ADFS5758 has a USER_GAIN and a USER_OFFSET register
that allow trimming of the gain and offset errors from the
entire signal chain. The 16-bit USER_GAIN register allows the
user to adjust the gain of the DAC channel in steps of 1 LSB. The
USER_GAIN register coding is straight binary, as shown in
Table 14. The default code in the USER_GAIN register is 0xFFFF,
which results in no gain factor applied to the programmed
output. In theory, the gain can be tuned across the full range of
the output. In practice, the maximum recommended gain trim
is approximately 50% of the programmed range to maintain
accuracy.
Table 14. Gain Register Adjustment
Gain Adjustment Factor
D15
D14 to D1
D0
1
1
1
1
65,535/65,536
1
1
0
…
…
…
…
2/65,536
0
0
1
1/65,536
0
0
0
CENTER THRESHOLD
MUST RESET HERE
FAULT: A RESET HERE
IS TOO EARLY
CENTER THRESHOLD –
WINDOW WIDTH/2
CENTER THRESHOLD +
WINDOW WIDTH/2
FAULT: RESET IS
TOO LATE
Figure 82. Windowed Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com