Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 23 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 19Page - Analog Devices ADFS5758 Datasheet HTML 20Page - Analog Devices ADFS5758 Datasheet HTML 21Page - Analog Devices ADFS5758 Datasheet HTML 22Page - Analog Devices ADFS5758 Datasheet HTML 23Page - Analog Devices ADFS5758 Datasheet HTML 24Page - Analog Devices ADFS5758 Datasheet HTML 25Page - Analog Devices ADFS5758 Datasheet HTML 26Page - Analog Devices ADFS5758 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 23 of 75
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 39. Full-Scale Error vs. Temperature
TEMPERATURE (°C)
–0.006
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
70
105
125
5V RANGE
10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 40. Offset Error vs. Temperature
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 41. Gain Error vs. Temperature
TEMPERATURE (°C)
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
–40
25
70
105
125
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 42. Bipolar Zero Error vs. Temperature
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
–40
25
70
105
125
TEMPERATURE (°C)
5V RANGE
10V RANGE
±5V RANGE
±10V RANGE
AVDD1 = VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
Figure 43. Zero-Scale Error vs. Temperature
–0.005
–0.003
–0.001
–0.002
–0.004
0.001
0.002
0
0.004
0.003
0.005
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
SUPPLY (V)
0V TO 10V RANGE, MAX INL
0V TO 10V RANGE, MIN INL
1kΩ LOAD
TA = 25°C
Figure 44. INL Error vs. AVDD1/|AVSS| Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com