Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 46 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 42Page - Analog Devices ADFS5758 Datasheet HTML 43Page - Analog Devices ADFS5758 Datasheet HTML 44Page - Analog Devices ADFS5758 Datasheet HTML 45Page - Analog Devices ADFS5758 Datasheet HTML 46Page - Analog Devices ADFS5758 Datasheet HTML 47Page - Analog Devices ADFS5758 Datasheet HTML 48Page - Analog Devices ADFS5758 Datasheet HTML 49Page - Analog Devices ADFS5758 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 46 of 75
ADFS5758
AVSS
AGND
AVDD2
DGND
SCLK
SDI
SDO
SYNC
FAULT
DATA AND
CONTROL
REGISTERS
DIGITAL
BLOCK
WATCHDOG
TIMER
STATUS
REGISTER
POWER-ON
RESET
REFERENCE
BUFFERS
DAC
REG
VREF
CALIBRATION
MEMORY
VOUT
RANGE
SCALING
REFOUT
REFIN
AD1
AD0
16-BIT
DAC
16
16
SW+
VDPC+
USER GAIN
USER OFFSET
RB
+VSENSE
–VSENSE
CHART
IOUT
RANGE
SCALING
IOUT
VOUT
DC-TO-DC DIE
CLKOUT
REFGND
NOTES
1. GRAY ITEMS REPRESENT DIAGNOSTIC ADC INPUT NODES.
VLOGIC
VIOUT
CCOMP
PGND1
TEMPERATURE
SENSOR
ANALOG
DIAGNOSTICS
INDEPENDENT
MONITORING
ADC
RESET
VLDO
VDPC+
MCLK
10MHz
RSET
VX
LDAC
HART_EN
3-WIRE INTERFACE
TEMPERATURE,
INTERNAL 2.5V SUPPLY,
DC-TO-DC DIE TO AGND
–VSENSE BUFFER
+VSENSE BUFFER
REFIN BUFFER
REFOUT
POWER MANAGEMENT
BLOCK
INT_AVCC, REF2
AVDD1
RA
–
ADC1
ADC2
Figure 86. Diagnostic ADC Input Nodes
ADC Accuracy Calculations
The ADC accuracy is dependent on the input node being
converted.
If the ADC1 pin is used to monitor the IOUT return current (see
Figure 85), the overall ADC conversion accuracy can be
calculated by summing the following components:
•
ADC accuracy for the ADC1 pin input node.
•
Accuracy of external RSENSE resistor.
•
TC of the external RSENSE resistor.
ADC Configuration
The ADC is configured using the ADC_CONFIG register via
the SEQUENCE_COMMAND (Bits[10:8]), the SEQUENCE_
DATA (Bits[7:5]), and the ADC_IP_SELECT[4:0] bits.
Table 20. ADC Configuration Register
[D10:D8]
[D7:D5]
[D4:D0]
Command
Data
ADC input select
The ADC can be set up to monitor a single node of interest or
configured to sequence through up to eight nodes of interest.
The sequential conversions can be initiated automatically after
each valid SPI frame is received by the device (automatic sequence
mode), or in a more controlled manner via a specific key
code written to the key register (key sequence mode). When a
conversion is complete, the ADC result is available in the status
register and, if in sequence mode, the sequencer address is
advanced. If autostatus readback mode is used in conjunction with
either sequence mode, the last completed ADC conversion data is
available on SDO during each SPI frame written to the device.
The sequencer has a maximum channel depth of 8. Each of the
channels in the sequencer must be configured with the select
bits of the required ADC input for that sequencer channel, and
the number of configured channels must equal the depth. If any
active sequencer channel location is not configured correctly, it
stores the previous value loaded to that channel, defaulting
initially to the ADC input option of 0b00000 for all sequencer
channels. Note that, if a node from the dc-to-dc die is required
to be part of the ADC sequencer, preconfigure this node using
the DCDC_ADC_CONTROL_DIAG bits in the DCDC_
CONFIG2 register before configuring the ADC sequencer to
avoid any 3WI related delays between ADC conversions. If
multiple nodes from the dc-to-dc die are required within the
sequence, key sequencing mode must be used rather than
automatic sequencing mode, because the DCDC_ADC_
CONTROL_DIAG bits must be updated between ADC
conversions to configure the next required dc-to-dc die
node required by the sequence.
The four modes of operation are key sequencing, automatic
sequencing, single immediate conversion, and single-key conver-
sion. The sequencing modes are mutually exclusive. If enabled,
the key sequencing mode disables the automatic sequencing
mode and vice versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com