Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 3 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 3 Page - Analog Devices

  ADFS5758 Datasheet HTML 1Page - Analog Devices ADFS5758 Datasheet HTML 2Page - Analog Devices ADFS5758 Datasheet HTML 3Page - Analog Devices ADFS5758 Datasheet HTML 4Page - Analog Devices ADFS5758 Datasheet HTML 5Page - Analog Devices ADFS5758 Datasheet HTML 6Page - Analog Devices ADFS5758 Datasheet HTML 7Page - Analog Devices ADFS5758 Datasheet HTML 8Page - Analog Devices ADFS5758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 3 of 75
FUNCTIONAL BLOCK DIAGRAM
ADFS5758
AVSS
AGND
AVDD1
AVDD2
DGND
SCLK
SDI
SDO
DC-TO-DC
CONVERTER
SYNC
FAULT
DATA AND
CONTROL
REGISTERS
DIGITAL
BLOCK
WATCHDOG
TIMER
STATUS
REGISTER
POWER-ON
RESET
REFERENCE
BUFFERS
DAC
REG
VREF
CALIBRATION
MEMORY
VOUT
RANGE
SCALING
REFOUT
REFIN
AD0
CLKOUT
16-BIT
DAC
16
16
SW+
VDPC+
USER GAIN
USER OFFSET
RB
+VSENSE
VIOUT
–VSENSE
CHART
RA
IOUT
RANGE
SCALING
IOUT
VOUT
DYNAMIC POWER CONTROL
AD1
REFGND
POWER
MANAGEMENT
BLOCK
VLOGIC
CCOMP
PGND1
ADC1
TEMPERATURE
SENSOR
ANALOG
DIAGNOSTICS
RESET
VLDO
VDPC+
10MHz
RSET
VX
VIOUT_PULLDOWN_EN
LDAC
3-WIRE INTERFACE
–
HART_EN
MCLK
VDPC+
ADC2
INDEPENDENT
MONITORING
ADC
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com