Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 9 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 5Page - Analog Devices ADFS5758 Datasheet HTML 6Page - Analog Devices ADFS5758 Datasheet HTML 7Page - Analog Devices ADFS5758 Datasheet HTML 8Page - Analog Devices ADFS5758 Datasheet HTML 9Page - Analog Devices ADFS5758 Datasheet HTML 10Page - Analog Devices ADFS5758 Datasheet HTML 11Page - Analog Devices ADFS5758 Datasheet HTML 12Page - Analog Devices ADFS5758 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 9 of 75
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
Supply Voltages
AVDD15
7
33
V
Maximum operating range of |AVDD1 to AVSS| =
60 V
AVDD2
5
33
V
Maximum operating range of |AVDD2 to AVSS| =
50 V
AVSS5
−33
0
V
Maximum operating range of |AVDD1 to AVSS| =
60 V; for bipolar output ranges, VOUT/IOUT head-
room must be obeyed when calculating AVSS
maximum; for unipolar current output ranges,
AVSS maximum = 0 V; for unipolar voltage
output ranges, AVSS maximum = −2 V
VLOGIC
1.71
5.5
V
Supply Quiescent Currents5
Quiescent current, assuming no load current
AVDD1 Current (AIDD1)
0.05
0.11
mA
Voltage output mode, dc-to-dc converter
enabled but not active
0.05
0.11
mA
Current output mode, dc-to-dc converter
enabled but not active
AVDD2 Current (AIDD2)
3.3
3.6
mA
Voltage output mode, dc-to-dc converter
enabled but not active
2.9
3.1
mA
Current output mode, dc-to-dc converter
enabled but not active
AVSS Current (AISS)
−1.4
−1.1
mA
Voltage output mode
−3.15
−2.4
mA
Bipolar current output mode
−0.26
−0.23
mA
Unipolar current output mode
VLOGIC Current (ILOGIC)
0.01
mA
VIH = VLOGIC, VIL = DGND
VDPC+ Current (IDPC+)
1.0
1.3
mA
Voltage output mode
0.8
1
mA
Unipolar current output mode
2.4
3.15
mA
Bipolar current output mode
Power Dissipation
Power dissipation assuming an ideal power
supply and excluding external load power
dissipation, current output DPC mode, 0 mA to
20 mA range
103
mW
AVDD1 = 24 V, AVDD2 = 5 V, AVSS = −15 V, RLOAD =
1 kΩ, IOUT = 20 mA
145
mW
AVDD1 = 24 V, AVDD2 = 5 V, AVSS = −15 V, RLOAD =
0 Ω, IOUT = 20 mA
155
mW
AVDD1 = AVDD2 = 24 V, AVSS = −15 V, RLOAD = 1 kΩ,
IOUT = 20 mA
200
mW
AVDD1 = AVDD2 = 24 V, AVSS = −15 V, RLOAD = 0 Ω,
IOUT = 20 mA
1
See the Current Output Mode section for more information about the internal and external RSET resistors.
2
The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period.
3
Guaranteed by design and characterization; not production tested.
4
The ADFS5758 is factory calibrated with an external 2.5 V reference connected to REFIN.
5
Production tested to AVDD1 maximum = 30 V and AVSS minimum = −30 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com