Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 17 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 13Page - Analog Devices ADFS5758 Datasheet HTML 14Page - Analog Devices ADFS5758 Datasheet HTML 15Page - Analog Devices ADFS5758 Datasheet HTML 16Page - Analog Devices ADFS5758 Datasheet HTML 17Page - Analog Devices ADFS5758 Datasheet HTML 18Page - Analog Devices ADFS5758 Datasheet HTML 19Page - Analog Devices ADFS5758 Datasheet HTML 20Page - Analog Devices ADFS5758 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 17 of 75
TYPICAL PERFORMANCE CHARACTERISTICS
CURRENT OUTPUT
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
AVDD = +15V
AVSS = –15V
TA =25°C
300Ω LOAD
Figure 7. INL Error vs. DAC Code
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 8. DNL Error vs. DAC Code
4mA TO 20mA, EXTERNAL RSET
4mA TO 20mA, INTERNAL RSET
–0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0
8192
16384
24576
32768
40960
49152
57344
65536
CODE
4mA TO 20mA, EXTERNAL RSET, WITH DC-TO-DC CONVERTER
4mA TO 20mA, INTERNAL RSET, WITH DC-TO-DC CONVERTER
Figure 9. Total Unadjusted Error vs. DAC Code
–05
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
115
125
TEMPERATURE (°C)
AVDD1 = +15V
AVSS = –15V
0mA TO 20mA, MIN INL
0mA TO 24mA, MIN INL
4mA TO 20mA, MIN INL
±24mA, MIN INL
0mA TO 20mA, MAX INL
0mA TO 24mA, MAX INL
4mA TO 20mA, MAX INL
±24mA, MAX INL
Figure 10. INL Error vs. Temperature, Internal RSET
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
–40
25
115
125
AVDD1 = +15V
AVSS = –15V
0mA TO 20mA, MAX INL
0mA TO 24mA, MAX INL
4mA TO 20mA, MAX INL
±24mA, MAX INL
0mA TO 20mA, MIN INL
0mA TO 24mA, MIN INL
4mA TO 20mA, MIN INL
±24mA, MIN INL
TEMPERATURE (°C)
Figure 11. INL Error vs. Temperature, External RSET
–40
25
115
125
TEMPERATURE (ºC)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
DNL ERROR MAX
DNL ERROR MIN
AVDD1 = VDPC+ = +15V
AVSS = –15V
ALL RANGES
INTERNAL AND EXTERNAL RSET
Figure 12. DNL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com