Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 18 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 14Page - Analog Devices ADFS5758 Datasheet HTML 15Page - Analog Devices ADFS5758 Datasheet HTML 16Page - Analog Devices ADFS5758 Datasheet HTML 17Page - Analog Devices ADFS5758 Datasheet HTML 18Page - Analog Devices ADFS5758 Datasheet HTML 19Page - Analog Devices ADFS5758 Datasheet HTML 20Page - Analog Devices ADFS5758 Datasheet HTML 21Page - Analog Devices ADFS5758 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 18 of 75
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–40
25
115
125
TEMPERATURE (°C)
0mA TO 20mA TUE MIN
0mA TO 24mA TUE MIN
4mA TO 20mA TUE MIN
±24mA TUE MIN
0mA TO 20mA TUE MAX
0mA TO 24mA TUE MAX
4mA TO 20mA TUE MAX
±24mA TUE MAX
AVDD1 = +15V
AVSS = –15V
Figure 13. Total Unadjusted Error vs. Temperature, Internal RSET
–40
25
115
125
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
AVDD1 = +15V
AVSS = –15V
TEMPERATURE (°C)
0mA TO 20mA MIN TUE
0mA TO 24mA MIN TUE
4mA TO 20mA MIN TUE
±24mA, MIN TUE
0mA TO 20mA MAX TUE
0mA TO 24mA MAX TUE
4mA TO 20mA MAX TUE
±20mA, MAX TUE
Figure 14. Total Unadjusted Error vs. Temperature, External RSET
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
–40
25
115
125
TEMPERATURE (°C
0mA TO 20mA, INTERNAL RSET
0mA TO 24mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET
±24mA, INTERNAL RSET
0mA TO 20mA, EXTERNAL RSET
0mA TO 24mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
±24mA, EXTERNAL RSET
AVDD1 = +15V
AVSS = –15V
Figure 15. Offset Error vs. Temperature
–40
25
115
125
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0mA TO 20mA, INTERNAL RSET
0mA TO 24mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET
±24mA, INTERNAL RSET
0mA TO 20mA, EXTERNAL RSET
0mA TO 24mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
±24mA, EXTERNAL RSET
AVDD1 = +15V
AVSS = –15V
TEMPERATURE (°C)
Figure 16. Full-Scale Error vs. Temperature
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0mA TO 20mA, INTERNAL RSET
0mA TO 24mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET
±24mA, INTERNAL RSET
0mA TO 20mA, EXTERNAL RSET
0mA TO 24mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
±24mA, EXTERNAL RSET
–40
25
115
125
TEMPERATURE (°C)
AVDD1 = +15V
AVSS = –15V
Figure 17. Zero-Scale Error vs. Temperature
–0.15
–0.10
–0.05
0
0.05
0.10
–40
25
115
125
0mA TO 20mA, INTERNAL RSET
0mA TO 24mA, INTERNAL RSET
4mA TO 20mA, INTERNAL RSET
±24mA, INTERNAL RSET
0mA TO 20mA, EXTERNAL RSET
0mA TO 24mA, EXTERNAL RSET
4mA TO 20mA, EXTERNAL RSET
±24mA, EXTERNAL RSET
TEMPERATURE (°C)
Figure 18. Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com