Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 65 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 61Page - Analog Devices ADFS5758 Datasheet HTML 62Page - Analog Devices ADFS5758 Datasheet HTML 63Page - Analog Devices ADFS5758 Datasheet HTML 64Page - Analog Devices ADFS5758 Datasheet HTML 65Page - Analog Devices ADFS5758 Datasheet HTML 66Page - Analog Devices ADFS5758 Datasheet HTML 67Page - Analog Devices ADFS5758 Datasheet HTML 68Page - Analog Devices ADFS5758 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 65 of 75
Bits
Bit Name
Description
Reset
Access
[5:4]
WINDOW_WIDTH
Configure WDT window width. The watchdog timer uses a center threshold and a
window width, where the width is a fraction of the center threshold. If the window
width is set to 1/1 (default), the watchdog timer is monitored for late watchdog
timer resets only. If, however, the window width is set to any value other than 1/1,
the watchdog timer is monitored for early or late reset events.
0x0
R/W
00: 1/1 (default).
01: 1/2.
10: 1/4.
11: 1/8.
[3:0]
CENTER_THRESHOLD
Set the center of the window threshold timeout. Setting CENTER_THRESHOLD[3:0]
to a binary value beyond 0b1010 results in the default setting of 1 second
0x9
R/W
0000: 1 ms.
0001: 5 ms.
0010: 10 ms.
0011: 25 ms.
0100: 50 ms.
0101: 100 ms.
0110: 250 ms.
0111: 500 ms.
1000: 750 ms.
1001: 1 sec (default).
1010: 2 sec.
Digital Diagnostic Configuration Register
Address: 0x10, Reset: 0x10005D, Name: DIGITAL_DIAG_CONFIG
This register configures various digital diagnostic features of interest for a particular application.
Table 42. Bit Descriptions for DIGITAL_DIAG_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:9]
RESERVED
Reserved.
0x0
R0
[8:7]
BKGND_CRC_MON_MODE
Select memory map CRC monitoring mode.
0x0
R/W
00: user controls CRC check using a key code (default).
01: CRC automatically done on completion of any valid SPI frame.
10: CRC runs continually in background.
11: CRC runs continually in background.
6
DAC_LATCH_MON_EN
Enable a diagnostic monitor on the DAC latches. This feature monitors the actual
digital code driving the DAC and compares it with the digital code generated within
the digital block. Any difference between the two codes causes the
DAC_LATCH_MON_ERR flag to be set in the DIGITAL_DIAG_RESULTS register.
0x1
R/W
0: disable.
1: enable (default).
5
DUAL_CAL_EN
Enable internal calibration on the 16-bit user DAC code to be completed twice.
The DAC is only updated if both results match. If a fail is registered, no DAC
write occurs and the DUAL_CAL_ERR flag in the DIGITAL_DIAG_RESULTS register is
set. Note that t14 (SYNC rising edge to DAC output response time) extends from
1.5 μs to 2 μs if this feature is enabled.
0x0
R/W
0: disable (default).
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com