Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 25 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 21Page - Analog Devices ADFS5758 Datasheet HTML 22Page - Analog Devices ADFS5758 Datasheet HTML 23Page - Analog Devices ADFS5758 Datasheet HTML 24Page - Analog Devices ADFS5758 Datasheet HTML 25Page - Analog Devices ADFS5758 Datasheet HTML 26Page - Analog Devices ADFS5758 Datasheet HTML 27Page - Analog Devices ADFS5758 Datasheet HTML 28Page - Analog Devices ADFS5758 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 25 of 75
–15
–10
–5
0
5
10
15
20
0
1
2
3
4
5
6
7
8
9
10
TIME (Seconds)
AVDD1 = VDPC+ = +15V
AVSS = –15V
0V TO 10V RANGE
OUTPUT UNLOADED
TA = 25°C
Figure 51. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
–400
–300
–200
–100
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
10
TIME (ms)
AVDD1 = VDPC + = 15V
AVSS = –15V
TA = 25°C
0V TO 10V RANGE – MIDSCALE CODE
OUTPUT UNLOADED
Figure 52. Peak-to-Peak Noise (100 kHz Bandwidth)
1.00µs
3
4
CH3 2.00V
CH4 50.0mV
AVDD1 = VDPC+ = +15V
AVSS = –15V
±10V RANGE MIDSCALE CODE
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
SYNC
VOUT
Figure 53. VOUT vs. Time on Output Enable
CH2 10.0mV
M10.0ms
A CH4
1.30V
4
2
T
28.71200ms
CH4 5.00V
AVDD1 = VDPC+ = 15V
AVSS = –15V
1kΩ LOAD
CLOAD = 220pF
CH4 = AVDD1
CH2 = VIOUT
Figure 54. VOUT vs. Time on Power-Up
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD2 = +5V
VDPC+ = +15V
AVSS = –15V
1kΩ LOAD
CLOAD = 220pF
Figure 55. VOUT PSRR vs. Frequency
2.00µs
2
4
CH2 10.0mV
CH4 10.0mV
AVDD1 = VDPC+ = +15V
AVDD2 = +5V, AVSS = –15V
±10V RANGE MIDSCALE CODE
TA = 25°C
10kΩ LOAD
CLOAD = 220pF
VDPC+
VOUT
Figure 56. Voltage Output Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com