Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 10 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 6Page - Analog Devices ADFS5758 Datasheet HTML 7Page - Analog Devices ADFS5758 Datasheet HTML 8Page - Analog Devices ADFS5758 Datasheet HTML 9Page - Analog Devices ADFS5758 Datasheet HTML 10Page - Analog Devices ADFS5758 Datasheet HTML 11Page - Analog Devices ADFS5758 Datasheet HTML 12Page - Analog Devices ADFS5758 Datasheet HTML 13Page - Analog Devices ADFS5758 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 10 of 75
AC PERFORMANCE CHARACTERISTICS
AVDD1 = VDPC+ = 15 V; dc-to-dc converter disabled; AVDD2 = 5 V; AVSS = −15 V; VLOGIC = 1.71 V to 5.5 V; AGND = DGND = REFGND =
PGND1 = 0 V; REFIN = 2.5 V external; voltage output: RL = 1 kΩ, CL = 220 pF; current output: RL = 300 Ω; all specifications at TA =
−40°C to +105°C, TJ < 125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Current Output
Output Current Settling Time
15
µs
To 0.1% FSR (0 mA to 24 mA), dc-to-dc converter disabled
15
µs
PPC mode, dc-to-dc converter enabled, dc-to-dc current limit =
150 mA
200
µs
DPC mode, dc-to-dc converter enabled; external inductor and
capacitor components as described in Table 10, dc-to-dc current
limit = 150 mA.
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.2
LSB p-p
16-bit LSB, 0 mA to 24 mA range
Output Noise Spectral Density
0.8
nA/√Hz
Measured at 10 kHz, midscale output, 0 mA to 24 mA range
AC PSRR
80
dB
200 mV, 50 Hz/60 Hz sine wave superimposed on power
supply voltage
Voltage Output
Output Voltage Settling Time
Output voltage settling time specifications also apply for dc-
to-dc converter enabled
6
20
µs
5 V step to ±0.03% FSR, 0 V to 5 V range
12
20
µs
10 V step to ±0.03% FSR, 0 V to 10 V range
15
µs
100 mV step to 1 LSB (16-bit LSB), 0 V to 10 V range
Slew Rate
3
V/µs
0 V to 10 V range, digital slew rate control disabled
Power-On Glitch Energy
25
nV-sec
Digital-to-Analog Glitch Energy
5
nV-sec
Glitch Impulse Peak Amplitude
25
mV
Digital Feedthrough
2
nV-sec
Output Noise (0.1 Hz to 10 Hz
Bandwidth)
0.2
LSB p-p
16-bit LSB, 0 V to 10 V range
Output Noise Spectral Density
185
nV/√Hz
Measured at 10 kHz, midscale output, 0 V to 10 V range
AC PSRR
70
dB
200 mV, 50 Hz/60 Hz sine wave superimposed on power
supply voltage
1
Guaranteed by design and characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com